Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU429 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APU429 Datasheet HTML 1Page - Aplus Intergrated Circuits APU429 Datasheet HTML 2Page - Aplus Intergrated Circuits APU429 Datasheet HTML 3Page - Aplus Intergrated Circuits APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Rating
Ta = 0 to 70
GND=0V
Name
Symbol
Rating
Unit
VDD1
-0.3 ~ +5.5
V
VDD2
-0.3 ~ +5.5
V
VDD3
-0.3 ~ +8.5
V
Maximum Supply Voltage
VDD4
-0.3 ~ +8.5
V
Maximum Input Voltage
VIN
-0.3 to VDD1/2+0.3
V
VOUT1
-0.3 to VDD1/2+0.3
V
Maximum Output Voltage
VOUT2
-0.3 to VDD3+0.3
V
Maximum Operating Temperature
tOPG
0 to +70
Maximum Storage Temperature
tSTG
-25 to +125
Allowable operating conditions
Ta = 0 to 70
GND=0V
Name
Symbol
Condition
Min.
Max.
Unit
VDD1
1.2
5.25
V
VDD2
2.4
5.25
V
VDD3
2.4
8.0
V
Supply Voltage
VDD4
2.4
8.0
V
Oscillator Start-up Voltage
VDDB
Crystal Mode
1.3
V
Oscillator Sustain Voltage
VDDB
Crystal Mode
1.2
V
Supply Voltage
VDD1
Ag Mode
1.2
1.65
V
Supply Voltage
VDD2
EXT-V, Li Mode
2.4
5.25
V
Input H Voltage
VIH1
Ag Battery Mode
VDD1-0.7
VDD1+0.7
V
Input L Voltage
VIL1
-0.7
0.7
V
Input H Voltage
VIH2
VDD2-0.7
VDD2+0.7
V
Input L Voltage
VIL2
Li Battery Mode
-0.7
0.7
V
Input H Voltage
VIH3
0.8VDD1
VDD1
V
Input L Voltage
VIL3
OSCIN at Ag Battery Mode
00.2VDD1
V
Input H Voltage
VIH4
0.8VDD2
VDD2
V
Input L Voltage
VIL4
OSCIN at Li Battery Mode
00.2VDD2
V
Input H Voltage
VIH5
0.8VDD2
VDD2
V
Input L Voltage
VIL5
CFIN at Li Battery or EXT-V Mode
00.2VDD2
V
Input H Voltage
VIH6
0.8VDDO
VDDO
V
Input L Voltage
VIL6
RC Mode
00.2VDDO
V
fOPG1
Crystal Mode
32
3580
kHz
fOPG2
External RC Mode
32
1000
kHz
Operating Freq.
fOPG3
CF Mode
1000
3580
kHz
Preliminary
5
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com