Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM0402C Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM0402C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM0402C Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM0402C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev 1.0
5
1.4 Bonding Diagram
ASM0402C Pad Location
Chip Size: X=1560+100 (um), Y=1030+100 (um)
PAD #
PAD Name
X
Y
PAD # PAD Name
X
Y
1COUT
-509.92 -430.32
6
TEST_PAD
507.6
-430.32
2RA_PAD[1]
-203.2 -430.32
7VDD
677.52 -430.32
3RA_PAD[0]/RESET
-9.04
-430.32
4OSC_PAD
117.25 -430.32
5GND
-347.6 -430.32
ASM0402C
CHIP SIZE: X= 1560+100(um) , Y= 1030+100(um)
16K x 10 bit ROM
4
5
6
7
3
2
1
ASM0402C
X = 1560+100(um)
Y=1030+100 (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com