Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXMP1012 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMP1012
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMP1012 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMP1012 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power
Vdc
+24
+24
mA
425
450 Max.
RF AMPLIFIER
MODEL
BXMP1012
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +50 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
3.7
4.0 Max.
VSWR
In
<1.5:1
1.5:1 Max.
Out
<1.5:1
1.5:1 Max.
Reverse
Isolation (dB)
-27
-26 Min.
Power @ 1 dB
Comp. (dBm)
+32
+31 Min.
Gain (dB)
22
21.5 Min./ 22.5 Max.
Specifications
Typical Performance Data
Frequency
0.5 - 35 MHz
0.5 - 35 MHz
Gain Flatness (dB)
0.5
0.5 Min.
IP2(dBm) 5-35 MHz
93
90 Min.
IP3 (dBm)
49
47 Min.
! Low Noise Figure: 3.7 dB Typical
! High 3rd Order Intercept: >+49 dBm Typical
! High Power 1 dB Comp. +32 dBm Typical
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
DC Voltage ......................................................... + 26 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.1 Watt (3
µsec Max.)
Features
Medium Power Amplifier
Package: SMA Connectorized Housing (H106)
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +95 dBm (Typ.)
Second Order Two Tone Intercept Point...... +93 dBm (Typ.)
Third Order Two Tone Intercept Point........... +49 dBm (Typ.)
Legend
+ 25 ºC
+50 ºC
- - - - - - 0 ºC
01/12/05
======================================================================================
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
5
10
15
20
25
30
35
.59
.26
.16
.12
.10
.08
.07
.07
.06
.06
.02
.01
0
.01
.03
.06
.08
11.17
13.06
13.13
13.09
13.06
13.04
13.03
13.02
13.02
13.02
13.23
13.12
12.98
12.89
12.77
12.64
12.56
-112
-148
-160
-165
-169
-171
-172
-173
-174
-175
173
165
157
149
141
134
126
.0371
.0447
.0448
.0449
.0446
.0445
.0448
.0449
.0448
.0450
.0448
.0542
.0447
.0435
.0434
.0437
.0436
80
39
24
18
13
11
10
8
7
7
-5
-13
-21
-27
-31
-40
-48
.60
.28
.21
.18
.16
.16
.15
.15
.15
.14
.13
.12
.11
.09
.07
.05
.04
51
12
2
-1
-2
-3
-3
-3
-3
-3
-6
-9
-11
-12
-9
8
44
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
108
91
90
89
89
88
88
87
85
84
31
-3
-65
155
146
139
127
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - BXMP1012

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1012 SPECTRUM-BXMP1012 Datasheet
42Kb / 1P
RF AMPLIFIER
More results

Similar Description - BXMP1012

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com