Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXMF1040 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1040
Description  Automatic Gain Controlled Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1040 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1040 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Model BXMF1040 allows the user to anticipate receiver power
levels and automatically adjust the output power to a desired level.
With optional gain stages from 25 to 40 dB, this modular family of
Low Phase Noise AGCs can be used for multiple applications from 50
MHz to 2000 MHz. Designed for rugged military environments, these
units can be customized with an optional time delay adjustment
feature as well as a phase modulation compression to accommodate
for peak power variations. These AGCs are also designed to
minimize group delay with Group Delay performance of as low as
+/-1 ns typical.
FEATURES
• Automatic Output Control
• Customizable
• High RF Input Damage Protection
• Group Delay +/- 1 ns
Automatic Gain Controlled Amplifier
apitech.com • 888.553.7531 • spectrummicrowave.com
Parameter
Typical
Min. / Max.
Frequency Range
600-800 MHz
600-800 MHz
Nominal Output Power
-35 dBm
-35 dBm
Input Dynamic Range
-55 to 0 dBm
-55 to 0 dBm
Noise Figure
8 dB
11 dB
1 dB Compression Point
+13 dBm
+12 dBm
Aquisition Time (10% / 90% rise time)
Adjustable
50-2000 µs
Input VSWR
1.75:1
2.0:1
Output VSWR
1.75:1
2.0:1
Group Delay
+/- 1 ns
-
Bias Voltage
+5 volts
+5 volts
Bias Current
125 mA
125 mA
Housing Size
3.00” L x 1.50” W x 0.780” H
RF Connectors
Gold Plated Pins or SMA Female
Operate Case Temp. (Min. / Max. Values)
-40°C to +50°C
Maximum (No Damage) Ratings
Storage Temperature
-65°C to +125°C
Operating Temperature (Case)
-40°C to +85°C
DC Voltage @ 25°C
+8 VDC
Input Drive @ 25°C
+24 dBm
600-800 MHz
Model BXMF1040
Rev 2.24.12


Similar Part No. - BXMF1040

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
Automatic Gain Controlled Amplifier
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
Automatic Gain Controlled Amplifi er
More results

Similar Description - BXMF1040

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
Gain-controlled IF Amplifier
Version 2.1 May 2002
logo
RF Micro Devices
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
Automatic Gain Controlled Amplifi er
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1039 APITECH-BXMF1039 Datasheet
504Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
Automatic Gain Controlled Amplifier
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
Variable Gain Amplifier with Automatic Gain Control Detector
23-Feb-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com