Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXMF1028 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1028
Description  Multiplied Phase Locked Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1028 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1028 Datasheet HTML 1Page - API Technologies Corp BXMF1028 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
These low-phase noise Multiplied PLOs provide the flexibility in the
desired output frequency by utilizing a series of x2 multipliers. With an
output range of 80 to 1600 MHz, these passive multiplier designs can
be configured for most military airborne and ground based applications.
With unparalleled phase noise performance of -163 dBc/Hz (at 100 kHz
offset), the model BXMF1028 is capable of utilizing either its internal
or an external 10 MHz reference. These Multiplied PLOs incorporate
unique features including: DC Voltage Regulation, Automatic Reference
Sensing, Low Current Consumption and Multiple RF Outputs.
FEATURES
• Ultra Low Phase Noise: -163 dBc/Hz
• Multiple RF Outputs
• Automatic Reference Sensing
• DC Voltage Regulation
• Low Current Consumption
• Fully Customizable
Multiplied Phase Locked Oscillator
apitech.com • 888.553.7531 • spectrummicrowave.com
Parameter
Typical
Min. / Max.
Output Frequency
400 MHz
400 MHz
Output Power Level
+6 dBm
+6 dBm
External Reference
10 MHz
10 MHz
Phase Noise at 1 kHz Offset
-143 dBc/Hz
—
Phase Noise at 10 kHz Offset
-161 dBc/Hz
—
Phase Noise at 100 kHz Offset
-163 dBc/Hz
—
Harmonics
-60 dB
—
Spurious
-70 dBc
—
Input VSWR
1.75:1
2.0:1
Output VSWR
1.75:1
2.0:1
Supply Voltage
+12 volts
+12 volts
Supply Current
210 mA
210 mA
Housing Size
5.20" L x 4.00" W x 1.00" H
RF Connectors
SMA Female
Operating Case Temp. (Min./Max. Values)
0°C to +70°C (typical values measured at +25°C)
Maximum (No Damage) Ratings
Storage Temperature
-65°C to +125°C
Operating Temperature (Case)
-55°C to +85°C
DC Voltage @ 25°C
+18 VDC
400 MHz
Model BXMF1028
Rev 3.28.12


Similar Part No. - BXMF1028

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1020 APITECH-BXMF1020 Datasheet
37Kb / 1P
Switched Multi-Channel Amplifi er
BXMF1021 APITECH-BXMF1021 Datasheet
759Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1022 APITECH-BXMF1022 Datasheet
767Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1023 APITECH-BXMF1023 Datasheet
774Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1024 APITECH-BXMF1024 Datasheet
777Kb / 2P
Multiplied Phase Locked Oscillator
More results

Similar Description - BXMF1028

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1027 APITECH-BXMF1027 Datasheet
777Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1026 APITECH-BXMF1026 Datasheet
780Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1025 APITECH-BXMF1025 Datasheet
778Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1024 APITECH-BXMF1024 Datasheet
777Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1023 APITECH-BXMF1023 Datasheet
774Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1022 APITECH-BXMF1022 Datasheet
767Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1021 APITECH-BXMF1021 Datasheet
759Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1032 APITECH-BXMF1032 Datasheet
787Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1030 APITECH-BXMF1030 Datasheet
787Kb / 2P
Multiplied Phase Locked Oscillator
BXMF1029 APITECH-BXMF1029 Datasheet
785Kb / 2P
Multiplied Phase Locked Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com