Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3604 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT3604 Datasheet HTML 2Page - ON Semiconductor CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor CAT3604 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT3604A
http://onsemi.com
6
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, EN = VIN, CIN = COUT = 1 mF, RSET = 24 kW, TAMB = 25°C, unless otherwise specified.)
Figure 3. Efficiency vs. Input Voltage
(4 LEDs)
Figure 4. Efficiency vs. Total LED Current
(4 LEDs)
DISCHARGING BATTERY (V)
TOTAL LED CURRENT (mA)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
40
50
60
70
80
90
100
200
150
100
50
0
40
50
60
70
80
90
100
Figure 5. LED Current vs. Input Voltage
Figure 6. LED Current vs. Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
10
12
14
20
24
125
25
0
−25
−50
14.0
14.5
15.0
15.5
16.0
Figure 7. Ground Current vs. Input Voltage
(1x Mode)
Figure 8. Ground Current vs. Temperature
(1x Mode)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
0.1
0.2
0.3
0.4
0.5
100
80
40
0
−40
0
0.1
0.2
0.3
0.4
0.5
1x Mode
1.5x Mode
20 mA per LED
15 mA per LED
VIN = 4 V (1x Mode)
VIN = 3.2 V (1.5x Mode)
4 LEDs at 15 mA
Vin = 4 V
4 LEDs Off
1 LED at 20 mA
4 LEDs at 20 mA
4 LEDs at 15 mA
16
18
22
50
75
100
4 LEDs OFF
Rset = 500 kW
−20
20
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com