Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904AYDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2904AYDT
Description  Low-power dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904AYDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2904AYDT Datasheet HTML 3Page - STMicroelectronics LM2904AYDT Datasheet HTML 4Page - STMicroelectronics LM2904AYDT Datasheet HTML 5Page - STMicroelectronics LM2904AYDT Datasheet HTML 6Page - STMicroelectronics LM2904AYDT Datasheet HTML 7Page - STMicroelectronics LM2904AYDT Datasheet HTML 8Page - STMicroelectronics LM2904AYDT Datasheet HTML 9Page - STMicroelectronics LM2904AYDT Datasheet HTML 10Page - STMicroelectronics LM2904AYDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM2904, LM2904A
Electrical characteristics
Doc ID 2471 Rev 14
7/24
VOL
Low level output voltage (RL = 10 kΩ)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew rate
VCC+ = 15 V, Vin = 0.5 to 3 V, RL = 2kΩ, CL =100 pF,
unity gain
Tmin ≤ Tamb ≤ Tmax
0.3
0.2
0.6
V/µs
GBP
Gain bandwidth product f = 100 kHz
VCC+ = 30 V, Vin = 10 mV, RL = 2kΩ, CL = 100 pF
0.7
1.1
MHz
THD
Total harmonic distortion
f = 1 kHz, AV = 20 dB, RL = 2 kΩ, Vo = 2 Vpp,
CL = 100 pF, VCC+ = 30 V
0.02
%
en
Equivalent input noise voltage
f=1kHz, RS =100 Ω, VCC+ =30V
55
nV/
√Hz
VO1/VO2
Channel separation (4)
1kHz
≤ f ≤ 20 kHz
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC+ < 30 V, 0 V < Vic < VCC+ - 1.5 V.
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V.
The upper end of the common-mode voltage range is VCC+ –1.5 V, but either or both inputs can go to +32 V without
damage.
4.
Due to the proximity of external components, ensure that the stray capacitance does not cause coupling between these
external parts. This can typically be detected at higher frequencies because this type of capacitance increases.
Table 3.
VCC+ = 5 V, VCC- = ground, VO = 1.4 V, Tamb = 25° C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com