Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD230 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD230
Description  PCS Duplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD230 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD230 Datasheet HTML 1Page - API Technologies Corp CMD230 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD230
PCS Duplexer
Revision 2, 12/20/2002
Receive Channel
Transmit Channel
Passband:
1850 - 1910 MHz
Passband:
1930 - 1990 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Flatness:
0.6 dB max.
Flatness:
0.6 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
DC – 1825 MHz
50 dB min
DC – 1910 MHz
70 dB min
1930 - 4000 MHz
70 dB min
2015 - 4000 MHz
50 dB min.
Isolation Tx to Rx:
70 dB min.
Isolation Rx to Tx:
70 dB min.
Power:
200 Watts CW Ave.
2000 Watts PIP
Heat sinking:
Unit Will Require Proper Heat Sinking.
Forced Air Not Required But Is highly
Recommended.
Connectors:
Type N Female All Ports
Low IMD UG58AU or Equivalent
Finish:
Unpainted Silver
Dimensions:
Per OL-CMD230 Rev. 5
Operation Temp:
0° to +65°C
Storage Temp:
-20° to +85°C


Similar Part No. - CMD230

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD230 MMIC-CMD230 Datasheet
252Kb / 9P
DC-26 GHz SPDT Switch
More results

Similar Description - CMD230

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
Miniature PCS Band Duplexer
logo
List of Unclassifed Man...
KFF6675A ETC1-KFF6675A Datasheet
162Kb / 2P
1900 MHz PCS Duplexer
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
PCS B-Band Duplexer
logo
TriQuint Semiconductor
TQM969001 TRIQUINT-TQM969001_15 Datasheet
692Kb / 10P
PCS Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7409 AVAGO-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
ACMD-7409 BOARDCOM-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com