Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741J/883 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM741J/883
Description  LM741QML Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741J/883 Datasheet(HTML) 3 Page - Texas Instruments

  LM741J/883 Datasheet HTML 1Page - Texas Instruments LM741J/883 Datasheet HTML 2Page - Texas Instruments LM741J/883 Datasheet HTML 3Page - Texas Instruments LM741J/883 Datasheet HTML 4Page - Texas Instruments LM741J/883 Datasheet HTML 5Page - Texas Instruments LM741J/883 Datasheet HTML 6Page - Texas Instruments LM741J/883 Datasheet HTML 7Page - Texas Instruments LM741J/883 Datasheet HTML 8Page - Texas Instruments LM741J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM741QML
www.ti.com
SNOSAN4A – AUGUST 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
±22V
Power Dissipation(2)
500 mW
Differential Input Voltage
±30V
Input Voltage(3)
±15V
Output Short Circuit Duration
Continuous
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Junction Temperature (TJ)
150°C
Lead Temperature (Soldering, 10 Seconds)
300°C
Thermal Resistance
θJA
Metal Can (Still Air)
167°C/W
Metal Can (500LF / Min Air Flow)
100°C/W
CERDIP (Still Air)
TBD
CERDIP (500LF / Min Air Flow)
TBD
CERPACK (Still Air)
228°C/W
CERPACK (500LF / Min Air Flow)
154°C/W
Ceramic SOIC (Still Air)
228°C/W
Ceramic SOIC (500LF / Min Air Flow)
154°C/W
θJC
Metal Can
44°C/W
CERDIP
TBD
CERPACK
27°C/W
Ceramic SOIC
27°C/W
Package Weight (typical)
Metal Can
1000mg
CERDIP
1100mg
CERPACK
260mg
Ceramic SOIC
225mg
ESD Tolerance(4)
400V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM741QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com