Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD148 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD148
Description  SMR Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD148 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD148 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD148
SMR Duplexer
Low Channel
High Channel
Passband:
895.5 – 900.5 MHz
Passband:
934.5 - 939.5 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
934.5 – 939.5 MHz
50 dB min
895.5 – 900.5 MHz
50 dB min.
Isolation Tx to Rx:
50 dB min.
Isolation Rx to Tx:
50 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD148

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD141 APITECH-CMD141 Datasheet
106Kb / 1P
DCS Duplexer
More results

Similar Description - CMD148

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMR600PS12 XPPOWER-SMR600PS12 Datasheet
729Kb / 4P
600-800 Watts SMR Series
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
logo
OSRAM GmbH
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
Infrared Emitter (850nm) in SMR
logo
PHOENIX CONTACT
1604023 PHOENIX-1604023 Datasheet
69Kb / 3P
Connector assembly frame - HC-SMR-D25
1687972 PHOENIX-1687972 Datasheet
117Kb / 4P
HC-SMR-B16
1687985 PHOENIX-1687985 Datasheet
115Kb / 4P
HC-SMR-B24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com