Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2745MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2745MTC/NOPB
Description  LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2745MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2745MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2745MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
-150
-120
-90
-60
-30
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
-60
-44
-28
-12
4
20
VIN x RO
GPS =
VRAMP
sCORC + 1
as
2
+ bs + c
x
1
fESR =
2SCOESR
= 20.3 kHz
= 4.5 kHz
RO + RL
fDP =
1
2S
LCO(RO + ESR)
VIN
ADC =
VRAMP
=
3.3
1.0
= 10.4 dB
LM2745, LM2748
www.ti.com
SNOSAL2E – APRIL 2005 – REVISED APRIL 2013
The power stage modulator provides a DC gain ADC that is equal to the input voltage divided by the peak-to-peak
value of the PWM ramp. This ramp is 1.0Vpk-pk for the LM2745/8. The inductor and output capacitor create a
double pole at frequency fDP, and the capacitor ESR and capacitance create a single zero at frequency fESR. For
this example, with VIN = 3.3V, these quantities are:
In the equation for fDP, the variable RL is the power stage resistance, and represents the inductor DCR plus the
on resistance of the top power MOSFET. RO is the output voltage divided by output current. The power stage
transfer function GPS is given by the following equation, and Figure 30 shows Bode plots of the phase and gain in
this example.
a = LCO(RO + RC)
b = L + CO(RORL + RORC + RCRL)
c = RO + RL
Figure 30. Power Stage Gain and Phase
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2745 LM2748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com