Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD106 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD106
Description  GSM Duplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD106 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD106 Datasheet HTML 1Page - API Technologies Corp CMD106 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD106
GSM Duplexer
Revision 2, 2/08/03
Receive Channel
Transmit Channel
Passband:
890 – 915 MHz
Passband:
935 – 960 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
DC – 845 MHz
40 dB min
DC – 915 MHz
90 dB min.
935 – 2000 MHz
90 dB min.
995 – 2000 MHz
40 dB min.
Isolation Tx to Rx:
90 dB min.
Isolation Rx to Tx:
90 dB min.
Power:
200 Watts CW
2000 Watts Peak
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C


Similar Part No. - CMD106

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Visual Communications C...
CMD1000-250-04-D VCC-CMD1000-250-04-D Datasheet
105Kb / 1P
MultiPak SpaceSetter
logo
Frontier Electronics.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
More results

Similar Description - CMD106

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7410-TR1 AVAGO-ACMD-7410-TR1 Datasheet
518Kb / 13P
UMTS/NCDMA/Co-band GSM Rx Band 2 Duplexer
ACMD-4102 AVAGO-ACMD-4102 Datasheet
256Kb / 12P
UMTS/NCDMA/Co-band GSM Rx Band 2 Duplexer
ACMD-7410 AVAGO-ACMD-7410 Datasheet
518Kb / 13P
UMTS/NCDMA/Co-band GSM Rx Band 2 Duplexer
ACMD-7610 AVAGO-ACMD-7610 Datasheet
506Kb / 14P
UMTS / Co-band GSM Rx Band 8 Duplexer
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
logo
MTRONPTI
UF9388R MTRONPTI-UF9388R Datasheet
90Kb / 2P
Specification for an E-GSM Cavity Duplexer Filter
logo
Transko Electronics, In...
TD902AP2 TRANSKO-TD902AP2 Datasheet
769Kb / 6P
GSM SAW Duplexer
Revision 0: September 2008
TD902BP2 TRANSKO-TD902BP2 Datasheet
729Kb / 6P
GSM SAW Duplexer
Revision 0: March 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com