Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258D Datasheet(PDF) 2 Page - Texas Instruments

Part # LM258D
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM258D Datasheet(HTML) 2 Page - Texas Instruments

  LM258D Datasheet HTML 1Page - Texas Instruments LM258D Datasheet HTML 2Page - Texas Instruments LM258D Datasheet HTML 3Page - Texas Instruments LM258D Datasheet HTML 4Page - Texas Instruments LM258D Datasheet HTML 5Page - Texas Instruments LM258D Datasheet HTML 6Page - Texas Instruments LM258D Datasheet HTML 7Page - Texas Instruments LM258D Datasheet HTML 8Page - Texas Instruments LM258D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION{
TA
VIOmax
AT 25
°C
MAX
TESTED
VCC
PACKAGE}
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
LM358P
LM358P
Tube of 75
LM358D
SOIC (D)
Reel of 2500
LM358DR
LM358
SOIC (D)
Reel of 2500
LM358DRG3
LM358
7 mV
30 V
SOP (PS)
Reel of 2000
LM358PSR
L358
7 mV
30 V
Tube of 150
LM358PW
TSSOP (PW)
Reel of 2000
LM358PWR
L358
0
°C to 70°C
TSSOP (PW)
Reel of 2000
LM358PWRG3
L358
0 C to 70 C
MSOP/VSSOP (DGK)
Reel of 2500
LM358DGKR
M5_§
PDIP (P)
Tube of 50
LM358AP
LM358AP
SOIC (D)
Tube of 75
LM358AD
LM358A
3mV
30 V
SOIC (D)
Reel of 2500
LM358ADR
LM358A
3 mV
30 V
TSSOP (PW)
Tube of 150
LM358APW
L358A
TSSOP (PW)
Reel of 2000
LM358APWR
L358A
MSOP/VSSOP (DGK)
Reel of 2500
LM358ADGKR
M6_§
PDIP (P)
Tube of 50
LM258P
LM258P
Tube of 75
LM258D
5 mV
30 V
SOIC (D)
Reel of 2500
LM258DR
LM258
5 mV
30 V
SOIC (D)
Reel of 2500
LM258DRG3
LM258
−25
°C to 85°C
MSOP/VSSOP (DGK)
Reel of 2500
LM258DGKR
M2_§
25 C to 85 C
PDIP (P)
Tube of 50
LM258AP
LM258AP
3mV
30 V
SOIC (D)
Tube of 75
LM258AD
LM258A
3 mV
30 V
SOIC (D)
Reel of 2500
LM258ADR
LM258A
MSOP/VSSOP (DGK)
Reel of 2500
LM258ADGKR
M3_§
PDIP (P)
Tube of 50
LM2904P
LM2904P
Tube of 75
LM2904D
SOIC (D)
Reel of 2500
LM2904DR
LM2904
SOIC (D)
Reel of 2500
LM2904DRG3
LM2904
7 mV
26 V
SOP (PS)
Reel of 2000
LM2904PSR
L2904
7 mV
26 V
Tube of 150
LM2904PW
−40
°C to 125°C
TSSOP (PW)
Reel of 2000
LM2904PWR
L2904
40 C to 125 C
TSSOP (PW)
Reel of 2000
LM2904PWRG3
L2904
MSOP/VSSOP (DGK)
Reel of 2500
LM2904DGKR
MB_§
7mV
32 V
SOIC (D)
Reel of 2500
LM2904VQDR
L2904V
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2904VQPWR
L2904V
2mV
32 V
SOIC (D)
Reel of 2500
LM2904AVQDR
L2904AV
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2904AVQPWR
L2904AV
5mV
30 V
CDIP (JG)
Tube of 50
LM158JG
LM158JG
55
°Cto125°C
5 mV
30 V
LCCC (FK)
Tube of 55
LM158FK
LM158FK
−55
°C to 125°C
2mV
30 V
CDIP (JG)
Tube of 50
LM158AJG
LM158AJG
2 mV
30 V
LCCC (FK)
Tube of 55
LM158AFK
LM158AFK
† For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web
site at www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com