Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBB9PNBT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DBB9PNBT
Description  PCB layouts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBB9PNBT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DBB9PNBT Datasheet HTML 1Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 2Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 3Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 4Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 5Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP642
R
06
Connectors
Accessories
A range of accessories
are available including
automatic and hand
crimp tools, insertion
and extraction tools –
ask our sales office for
details.
ITW McMurdo Connectors
Division of ITW Limited
Norway Road
Hilsea
Portsmouth
PO3 5HT
United Kingdom
Tel: 02392 656200
Fax: 02392 666352
e-mail: info@itwmcmurdo.co.uk
www.itwmcmurdo.co.uk
ORDERING information
for CONNECTORS
D
B
X
25
P
N
B
T
D
Series
D – Standard/Budget/Crimp
SD – Special D
LD – Special D 90º p.c. alternative
HD-High Density
Shell size
E, A, B, C and D
Mounting options/crimp select
No designator – Standard fixing holes
B – 90º brackets and stabiliser rivetted (fitted on
50 and 90º p.c. as standard)
F – Float mount for rear panel mounting
R – Reverse float mounting
G – MP501 rivetted
H – 4-40 UNC threaded inserts fitted
K – MP625 and screwlock fitted
L – MP501-2 screw mounted
N – 90º brackets and stabiliser with screwlock
fitted
S – Screwlock fitted
T – Boardlocks fitted
X – Screwlocks and Boardlocks fitted
C-Crimp (contacts ordered separately)
Shell finish
No designator – Zinc/yellow
passivate
T – Tinned (socket only)
TD – Tinned and dimpled (plug only)
Termination type
No designator – Solder bucket
(and crimped when selector code
has been used)
N – 90º p.c.
OL – Straight p.c.
W – Wire wrapping
Contact type
P – Plug S – Socket
Contact arrangement
9, 15, 25, 37 and 50
High Density 15, 26, 44, 62 and 78
CONT ACT ORDERING INFORMA TION
CONT ACT ARRANGEMENT(viewed from ma ting face of male connector)
Contact/Wire Gauge
MP642-Pin, 24/28 A.W.G (HD only)
MP643-Socket, 24/28 A.W.G (HD only)
MP647-Pin, 24/28 A.W.G (crimp D only)
MP648-Socket, 24/28 A.W.G (crimp D only)
MP649-Pin, 20/24 A.W.G (crimp D only)
MP650-Socket, 20/24 A.W.G (crimp D only)
Method of supply
No designator – in
packs of 100
R – 10,000 on a reel
Performance Code
High Density
05-Pin, 200 operations
06-Pin, 50 operations
15-Socket, 200 operations
16-Socket, 50 operations
Crimp D
45-Pin, standard 500 operations
46-Pin, budget 300 operations
55-Socket, standard 500 operations
56-Socket, budget 300 operations
Special, Standard and Crimp D
High Density D
1
6
23 4 5
7 89
1 23 4 5
15
6 7 8
16
20
17 18 19
9 10 11 12 13
14
21 22 23 24 25
1
9
23 4 5
10
6 7 8
11
15
12 13 14
1 23 4 5 6
26 27 28 29 30 31
7 8 9 10 11 12 13
16 17 18 19
14 15
20 21 22 23 24 25
32 33 34 35 36 37
1
18
34
2
3
4
19
20 21
5
14
22
67
23
8
24 25
910
26
11
27
12
28 29
13
30
15
31 32
16
17
33
35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
E - 9 contacts
B - 25 contacts
A - 15 contacts
C - 37 contacts
D - 50 contacts
1
6
11
5
10
15
1
31
16
15
30
44
1
19
9
10
18
26
21
42
62
1
43
22
1
39
20
59
78
40
60
21
E - 15 contacts
B - 44 contacts
A - 26 contacts
C - 62 contacts
D - 78 contacts
Due to our policy of continuous product
development, ITW McMurdo Connectors
retain the right to change the specification at
any time without prior notice. Designed &
printed in the UK.
Performance code
No designator – standard, HD,
special, crimp
B – Budget



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com