Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM2D3D6PD Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # TLM2D3D6PD
Description  TLM2D3D6 Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TLM2D3D6PD Datasheet(HTML) 1 Page - Central Semiconductor Corp

  TLM2D3D6PD Datasheet HTML 1Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 2Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.centr a lsemi.com
R0 (5-May 2011)
Package Details
TLM2D3D6 Case
Mechanical Drawing
Mounting Pad Geometry (Dimensions in mm)
Part Marking:
Single Character Alpha/Numeric Code
Lead Code:
1) Cathode
2) Anode


Similar Part No. - TLM2D3D6PD

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
logo
TE Connectivity Ltd
TLM2A TEC-TLM2A Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
TLM2ADR01FTD TEC-TLM2ADR01FTD Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
TLM2ADR01FTE TEC-TLM2ADR01FTE Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
TLM2ADR01JTD TEC-TLM2ADR01JTD Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
More results

Similar Description - TLM2D3D6PD

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Central Semiconductor C...
CTLSH01-30 CENTRAL-CTLSH01-30 Datasheet
1Mb / 2P
30V, 100mA Schottky Diode in the ultra miniature TLM2D3D6 package
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
1Mb / 2P
Transient Voltage Suppressor in the miniature TLM2D3D6 package
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
1Mb / 2P
100mW, 3.9V thru 8.2V, Zener Diodes in miniature TLM2D3D6 package
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
Transport case - PA-CASE 2
12/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com