Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43310 Datasheet(PDF) 2 Page - EPCOS

Part # B43310
Description  Aluminum electrolytic capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43310 Datasheet(HTML) 2 Page - EPCOS

  B43310 Datasheet HTML 1Page - EPCOS B43310 Datasheet HTML 2Page - EPCOS B43310 Datasheet HTML 3Page - EPCOS B43310 Datasheet HTML 4Page - EPCOS B43310 Datasheet HTML 5Page - EPCOS B43310 Datasheet HTML 6Page - EPCOS B43310 Datasheet HTML 7Page - EPCOS B43310 Datasheet HTML 8Page - EPCOS B43310 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Capacitors with screw terminals
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 2 of 13
General purpose grade capacitors
通用
通用
通用
通用电
电
电
电容器
容器
容器
容器
Applications 应用
应用
应用
应用
Uninterruptible power supplies
不间断电源
Frequency converters
变频器
Features 特点
特点
特点
特点
All-welded construction ensures reliable electrical contact
全焊结构,确保可靠的电气接触性。
High reliability and high ripple current capability
高性能及耐高纹波
Construction 结构
结构
结构
结构
Charge-discharge proof, polar
充电-放电保护,带极性
Aluminum case with insulating sleeve
采用铝质外壳及绝缘外套设计
Poles with screw terminal connections
螺栓式接线柱电极连接
Mounting with ring clips, clamps or threaded stud
采用开口环/夹或螺栓安装
The bases of types with threaded stud and d ≤ 76.9 mm are not insulated, types with d = 91.0 mm
have fully insulated bases.
采用螺栓装配且 d ≤ 76.9 mm 的 型号的底板未做绝缘处理,直径为 91.0 mm 的型号底板有做绝缘
处理
B43310
B43330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com