| Electronic Components Datasheet Search |
|
CBS1002415 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CBS1002415 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() CBS H-23 CBS100 External view +VOUT +S TRM -S -VOUT 4- M3 (4.8) 57.9 max -VIN CASE RC +VIN 4- º3.5 48.3 [1.9] 7- º1.5 2- º2.5 ¶Recomending size for processing PCB (TOP VIEW) Lot No. Case(PBT) Base Plate(Aluminum) 48.3 ±0.5 2- º2 7- º1 ¶Weight : 83g or less ¶Tolerance : ±0.3 ¶Case : PBT ¶Base Plate: Aluminum ¶Dimensions in mm. ¶Mounting hole screwing torque : 0.4N •m(5.0kgf•cm)max ¶Dimensions : ¶Div. : 0.5inch mm [inch] Mounting Hole Name Plate ±0.1 ±0.2 Io=100% Io=50% Io=100% Io=50% ¡INPUT CURRENT CHARACTERISTICS (CBS1004828) ¡INPUT CURRENT CHARACTERISTICS (CBS1002428) INPUT VOLTAGE V INPUT VOLTAGE V 10 30 40 020 0 6 8 10 2 4 20 60 80 040 0 6 8 10 2 4 Performance data ISOLATION INPUT-OUTPUT DC1,500V or AC1,000V 1minute, Cutoff current = 10mA, DC500V 50M W min(20t15C) INPUT-CASE PIN, BASE PLATE DC1,500V or AC1,000V 1minute, Cutoff current = 10mA, DC500V 50M W min(20t15C) OUTPUT-CASE PIN, BASE PLATE AC500V 1minute, Cutoff current = 100mA, DC500V 50M W min (20t15C) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE -40 to +100 C (On aluminum base plate), 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100 C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis IMPACT 196.1m/s2 (20G), 11ms, once each along X, Y and Z axis SAFETY AGENCY APPROVALS UL60950-1, C-UL, EN60950-1 OTHERS CASE SIZE/WEIGHT 57.9 X12.7X61.0mm (WXHXD) / 83g max COOLING METHOD Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink) GENERAL SPECIFICATIONS *1 At rated input(DC24V,DC48V) and rated load. *2 Ripple and ripple noise is measured by using measuring board with recommended capacitor Co & the film capacitor 0.1mF. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN:RM101). *3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output. *4 When the input voltage is in the range of DC18 - 20V, DC36 - 40V output voltage adjustment range is 60 - 105% (except for 1R8/2R5). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |