Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBS1002412 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CBS1002412
Description  UL60950, C-UL (CSA60950) recognized, TUV approved
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBS1002412 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CBS1002412 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBS1002412 Datasheet HTML 2Page - List of Unclassifed Manufacturers CBS1002412 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SPECIFICATIONS
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
*1
EFFICIENCY[%]
*1
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
RIPPLE NOISE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
TEMPERATURE REGULATION[mV]
0to+65
C
-40 to +100
C
DRIFT[mV]
*3
START-UP TIME[ms]
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
OUTPUT VOLTAGE SETTING[V]
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
OVERVOLTAGE PROTECTION[V]
REMOTE SENSING
REMOTE ON/OFF
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SPECIFICATIONS
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
*1
EFFICIENCY[%]
*1
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
RIPPLE NOISE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
TEMPERATURE REGULATION[mV]
0to+65
C
-40 to +100
C
DRIFT[mV]
*3
START-UP TIME[ms]
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
OUTPUT VOLTAGE SETTING[V]
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
OVERVOLTAGE PROTECTION[V]
REMOTE SENSING
REMOTE ON/OFF
DC18 - 36
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
80max
80max
120max
120max
120max
120max
80max
80max
120max
120max
120max
120max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
200max
200max
200max
200max
250max
250max
200max
200max
200max
200max
250max
250max
35max
50max
120max
150max
240max
280max
35max
50max
120max
150max
240max
280max
66max
100max
240max
300max
480max
560max
66max
100max
240max
300max
480max
560max
16max
20max
40max
60max
90max
90max
16max
20max
40max
60max
90max
90max
1.98 - 3.63
3.0 - 5.5
7.2 - 13.2
9.0 - 16.5
14.4 - 26.4
16.8 - 30.8
1.98 - 3.63
3.0 - 5.5
7.2 - 13.2
9.0 - 16.5
14.4 - 26.4
16.8 - 30.8
3.25 - 3.45
4.90 - 5.20
CBS100241R8
CBS100242R5
42.12
58.50
1.8V 23.4A
2.5V 23.4A
CBS100241R8
CBS100242R5
2.47typ
3.17typ
71typ
77typ
1.8
2.5
23.4
23.4
10max
10max
10max
10max
80max
80max
120max
120max
120max
120max
200max
200max
35max
35max
66max
66max
16max
16max
1.70 - 1.98
1.98 - 2.75
1.77 - 1.88
2.46 - 2.61
11.74 - 12.46
14.55 - 15.45
23.28 - 24.72
27.16 - 28.84
3.25 - 3.45
4.90 - 5.20
11.74 - 12.46
14.55 - 15.45
23.28 - 24.72
27.16 - 28.84
Works over 105% of rating and recovers automatically
4.00 - 5.50
5.75 - 7.00
2.16 - 2.88
3.00 - 4.00
13.80 - 16.80
17.25 - 21.00
27.60 - 33.60
32.20 - 39.20
4.00 - 5.50
5.75 - 7.00
CBS100481R8
CBS100482R5
42.12
58.50
1.8V 23.4A
2.5V 23.4A
CBS100481R8
CBS100482R5
1.24typ
1.58typ
71typ
77typ
1.8
2.5
23.4
23.4
10max
10max
10max
10max
80max
80max
120max
120max
120max
120max
200max
200max
35max
35max
66max
66max
16max
16max
1.70 - 1.98
1.98 -2.75
1.77 - 1.88
2.46 -2.61
2.16 - 2.88
3.00 - 4.00
13.80 - 16.80
17.25 - 21.00
27.60 - 33.60
32.20 - 39.20
Provided
Provided (Negative logic L : ON, H : OFF)
DC36 - 76
Works over 105% of rating and recovers automatically
Provided
Provided (Negative logic L : ON, H : OFF)
CBS1002403
CBS1002405
CBS1002412
CBS1002415
CBS1002424
CBS1002428
CBS1004803
CBS1004805
CBS1004812
CBS1004815
CBS1004824
CBS1004828
77.2
100.0
100.8
100.5
100.8
100.8
77.2
100.0
100.8
100.5
100.8
100.8
3.3V 23.4A
5V 20A
12V 8.4A
15V 6.7A
24V 4.2A
28V 3.6A
3.3V 23.4A
5V 20A
12V 8.4A
15V 6.7A
24V 4.2A
28V 3.6A
CBS1002403
CBS1002405
CBS1002412
CBS1002415
CBS1002424
CBS1002428
CBS1004803
CBS1004805
CBS1004812
CBS1004815
CBS1004824
CBS1004828
4.07typ
5.02typ
4.77typ
4.81typ
4.83typ
4.83typ
2.01typ
2.48typ
2.36typ
2.38typ
2.39typ
2.39typ
79typ
83typ
88typ
87typ
87typ
87typ
80typ
84typ
89typ
88typ
88typ
88typ
3.3
5
12
15
24
28
3.3
5
12
15
24
28
23.4
20
8.4
6.7
4.2
3.6
23.4
20
8.4
6.7
4.2
3.6
200max (DCIN 24V, Io=100%)
Fixed (TRM pin open), adjustable by external resistor
200max (DCIN 48V, Io=100%)
Fixed (TRM pin open), adjustable by external resistor
CBS100
Power module type
CB
S
100
48
12
-
O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Optional
R :with Remote ON/OFF
Positive logic control
T :with Mounting hole
f3.4 thru
F
O:with Addition of a
Heat sink
R
123456
CBS
H-22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com