Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL04DP211BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CBTL04DP211BS
Description  DisplayPort 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04DP211BS Datasheet(HTML) 5 Page - NXP Semiconductors

  CBTL04DP211BS Datasheet HTML 1Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 2Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 April 2012
5 of 18
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
[1]
HVQFN32 package die supply ground is connected to both GND pins and exposed center pad. GND pins
and the exposed center pad must be connected to supply ground for proper device operation. For
enhanced thermal, electrical, and board level performance, the exposed pad needs to be soldered to the
board using a corresponding thermal pad on the board and for proper heat conduction through the board,
thermal vias need to be incorporated in the printed-circuit board in the thermal pad region.
OUT_0+
1
differential I/O
Two bidirectional high-speed differential pairs for
DisplayPort Main Link signals.
OUT_0
−
2
differential I/O
OUT_1+
4
differential I/O
OUT_1
−
5
differential I/O
AUX1+
19
differential I/O
High-speed differential pair for AUX signals,
path 1.
AUX1
−
18
differential I/O
AUX2+
15
differential I/O
High-speed differential pair for AUX signals,
path 2.
AUX2
−
14
differential I/O
AUX+
6
differential I/O
High-speed differential pair for AUX signals.
AUX
−
7
differential I/O
HPD_1
17
single-ended I/O
Single-ended channel for the HPD signal, path 1.
HPD_2
13
single-ended I/O
Single-ended channel for the HPD signal, path 2.
HPD_IN
8
single-ended I/O
Single-ended channel for the HPD signal.
VDD
3, 9, 12, 16,
20, 29
power supply
3.3 V power supply.
GND[1]
21, 28,
center pad
ground
Ground.
n.c.
11
-
Not connected. This pin is not connected to any
signal internally.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com