Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCAP0003 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # BCAP0003
Description  HC SERIES ULTRACAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0003 Datasheet(HTML) 3 Page - Maxwell Technologies

  BCAP0003 Datasheet HTML 1Page - Maxwell Technologies BCAP0003 Datasheet HTML 2Page - Maxwell Technologies BCAP0003 Datasheet HTML 3Page - Maxwell Technologies BCAP0003 Datasheet HTML 4Page - Maxwell Technologies BCAP0003 Datasheet HTML 5Page - Maxwell Technologies BCAP0003 Datasheet HTML 6Page - Maxwell Technologies BCAP0003 Datasheet HTML 7Page - Maxwell Technologies BCAP0003 Datasheet HTML 8Page - Maxwell Technologies BCAP0003 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
Document number: 1013793.9
maxwell.com
DATASHEET
HC SERIES ULTRACAPACITORS
DATASHEET
HC SERIES ULTRACAPACITORS
PRODUCT SPECIFICATIONS (Cont’d)
POWER & ENERGY AT 2.7V
BCAP0001
BCAP0003
BCAP0005
BCAP0010
T01/T11/T12
Usable Specific Power, P
d
4
1,100 W/kg
1,800 W/kg
2,200 W/kg
3,300 W/kg
Impedance Match Specific Power, P
max
5
2,400 W/kg
3,700 W/kg
4,700 W/kg
6,900 W/kg
Specific Energy, E
max
6
0.9 Wh/kg
2.0 Wh/kg
2.2 Wh/kg
2.9 Wh/kg
Stored Energy, E
stored
7,11
0.001 Wh
0.003 Wh
0.005 Wh
0.010 Wh
SAFETY
Short Circuit Current, typical
(Current possible with short circuit from rated
voltage. Do not use as an operating current.)
4 A
9 A
16 A
36 A
Certifications
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
THERMAL
CHARACTERISTICS
Thermal Resistance (R
ca, Case to
Ambient), typical8
120oC/W
76oC/W
73oC/W
43oC/W
Thermal Capacitance (C
th), typical
1.0 J/oC
1.4 J/oC
2.0 J/oC
3.6 J/oC
Maximum Continuous Current
(ΔT = 15oC)8
0.4 A
RMS
0.8 A
RMS
1.1 A
RMS
2.2 A
RMS
Maximum Continuous Current
(ΔT = 40oC)8
0.7 A
RMS
1.3 A
RMS
1.8 A
RMS
3.5 A
RMS
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com