Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI10545 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10545
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10545 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10545 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 10 mA
55
V
BVCER
IC = 10 mA
RBE = 10
Ω
55
V
BVEBO
IE = 1 mA
3.5
V
ICES
VCE = 28 V
VBE = 0 V
2.0
mA
hFE
VCE = 5.0 V
IC = 500 mA
15
150
---
PG
ηη
C
VCC = 45 V
POUT = 15 W
f = 960 - 1215 MHz
8.1
40
dB
%
NPN SILICON RF POWER TRANSISTOR
AJT015
DESCRIPTION:
The
ASI AJT015 is Designed for
FEATURES:
• Input Matching Network
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
1.8 A
VCC
32 V
PDISS
50 W @ TC
≤ 100 OC
TJ
-65
OC to +250 OC
TSTG
-65
OC to +200 OC
θθ
JC
3.0
OC/W
PACKAGE STYLE .310 2L FLG
ORDER CODE: ASI10545
MINIMUM
inches / mm
.100 / 2.54
.286 / 7.26
.306 / 7.77
B
C
D
E
F
G
A
MAXIMUM
.318 / 8.08
.306 / 7.77
inches / mm
H
DIM
K
L
I
J
.552 / 14.02
.300 / 7.62
.572 / 14.53
.320 / 8.13
P
N
M
.118 / 3.00
.003 / 0.08
.131 / 3.33
.006 / 0.15
.790 / 20.07
.810 / 20.57
.072 / 1.83
.148 / 3.76
.120 / 3.05
R
.052 / 1.32
.230 / 5.84
.095 / 2.41
.105 / 2.67
.050 / 1.27
.400 / 10.16
.119 / 3.02
.110 / 2.79
.130 / 3.30
I
G
C
D
F
Ø E
N
H
4x .062 x 45°
R
P
M
L
J
K
2 x B
.040 x 45°
A


Similar Part No. - ASI10545

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10540 ASI-ASI10540 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASI10540 ASI-ASI10540 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10541 ASI-ASI10541 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10542 ASI-ASI10542 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10543 ASI-ASI10543 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASI10545

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com