Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP6540-R56M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP6540-R56M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6540-R56M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP6540-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6540-R56M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6540-R56M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6540-R56M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP6540 Series - Shielded Power Inductors
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
L vs. I Charts
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
2.0
4.0
6.0
8.0
0.0
2.0
4.0
6.0
6.0
8.0
0.0
2.0
4.0
L@ 25 °C
L@ 25 °C
L@ 25 °C
L@ 25 °C
L@ 25 °C
L@ 25 °C
L@ 25 °C
L@ 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
IDC (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IDC (A)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
IDC (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IDC (A)
0.0
1.0
2.0
3.0
4.0
5.0
IDC (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IDC (A)
SRP6540-1R0M
SRP6540-3R3M
SRP6540-2R2M
SRP6540-1R5M
SRP6540-5R6M
SRP6540-4R7M
0.0
0.0
2.0
4.0 6.0
8.0 10.0 12.0 14.0 16.0 18.0 20.0
0.0
5.0
10.0
15.0 20.0
25.0 30.0 35.0 40.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
L@ 25 °C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.2
0.4
0.6
SRP6540-R56M
0.0
20.0
10.0
40.0
30.0
50.0
0.0
20.0
10.0
40.0
30.0
50.0
0.0
20.0
10.0
40.0
30.0
50.0
IDC (A)
0.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.2
0.8
0.6
0.5
0.3
0.9
SRP6540-R82M
IDC (A)
0.0
0.0
2.0
4.0
6.0
8.0 10.0 12.0 14.0 16.0 18.0
0.2
0.6
0.4
0.8
SRP6540-R68M
IDC (A)
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
T@ 25 °C
0.0
10.0
20.0
30.0
40.0
50.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
2.0
4.0
6.0
8.0
10.0
14.0
12.0
16.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com