Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSN3000 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # HSN3000
Description  Nuclear Event Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

HSN3000 Datasheet(HTML) 3 Page - Maxwell Technologies

  HSN3000 Datasheet HTML 1Page - Maxwell Technologies HSN3000 Datasheet HTML 2Page - Maxwell Technologies HSN3000 Datasheet HTML 3Page - Maxwell Technologies HSN3000 Datasheet HTML 4Page - Maxwell Technologies HSN3000 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
Nuclear Event Detector
HSN-3000
01.07.05 Rev 3
FLAG RESET (Pin 11)
V
IL
I
IL
t
PW
V
IL = 0.5V, VH = 5.5V
V
IL = 0.5V
--
--
250
0.5
-30
--
V
mA
ns
7,8
1,2,3
9,10,11
Built-In-Test (BIT) 4,5
V
IH
I
IH
V
IL
I
IL
t
PW
V
IH = 4.0V
V
IL = 0.5V
Pin 9 Open, V
IH = 4.0V
4.0
--
--
--
10
5.5
25
0.5
10
--
V
mA
V
µA
µs
7,8
1,2,3
7,8
1,2,3
9,10,11
NED
V
OH
V
OL
V
L = 20V, IOH = -100 µ A
I
OL = 10 mA
I
OL = 100 mA
18.5
--
--
--
0.6
1.0
V
1,2,3
1,2,3
Radiation Propagation Delay Time 6
t
D
--
20
ns
NEF
V
OH
V
OL
V
L = 20V, IOH = -100 µ A
I
OL = 10 mA
18.5
--
--
0.6
V
1,2,3
1,2,3
1. Standby mode is the normal state of the device, defined as having both the NED and NEF outputs (pins 2 and 13) in the “high”
state.
2. Flag Set mode occurs after an event has been detected or BIT has been initiated and the NED output has timed out (i.e., has
transitioned to the “high” state), leaving the NEF output as the only remaining output in the low state.
3. Operational mode is in effect during the timeout period of the NED signal, characterized by having both the NED and NEF out-
puts in the “low” state, causing the greatest current draw of the device.
4. BIT electrical characteristics are not guaranteed over the radiation range.
5. BIT may not meet specification when only a resistor is used to adjust the detection level. To use BIT in this situation, it is
advised that a series resistor/capacitor combination is used.
6. Guaranteed but not tested over temperature. Time delay, t
D, is measured at 50% points from the rising edge of the radiation
pulse to the falling edge of the NED output at approximately 10 times the detection level.
TABLE 2. ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
-55°C < T
A < 125
°C
MIN
MAX
UNIT
GROUP A
SUBGROUP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com