Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602MME Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8602MME
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602MME Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8602MME Datasheet HTML 4Page - Texas Instruments LMP8602MME Datasheet HTML 5Page - Texas Instruments LMP8602MME Datasheet HTML 6Page - Texas Instruments LMP8602MME Datasheet HTML 7Page - Texas Instruments LMP8602MME Datasheet HTML 8Page - Texas Instruments LMP8602MME Datasheet HTML 9Page - Texas Instruments LMP8602MME Datasheet HTML 10Page - Texas Instruments LMP8602MME Datasheet HTML 11Page - Texas Instruments LMP8602MME Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 3.3V
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 5V
FREQUENCY (Hz)
40
30
20
10
0
-10
-20
-30
-40
100
1k
10k
100k
1M
VS = 3.3V, 5V
VOUT = VS/2
FREQUENCY (Hz)
50
40
30
20
10
0
-10
-20
-30
100
1k
10k
100k
1M
VS = 3.3V, 5V
VOUT = VS/2
FREQUENCY (Hz)
100
80
60
40
20
0
10
100
1k
10k
100k
VS = 5V
VS = 3.3V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
0
0.3
0.6
0.9
1.2
1.5
VS = 5V
VS = 3.3V
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) connected to VS, 10nF between VS and GND.
Input Referred Voltage Noise vs. Frequency
PSRR vs. Frequency
Figure 9.
Figure 10.
Gain vs. Frequency LMP8602
Gain vs. Frequency LMP8603
Figure 11.
Figure 12.
CMRR vs. Frequency at VS = 3.3V
CMRR vs. Frequency at VS = 5V
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com