Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV712MM
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712MM Datasheet(HTML) 3 Page - Texas Instruments

  LMV712MM Datasheet HTML 1Page - Texas Instruments LMV712MM Datasheet HTML 2Page - Texas Instruments LMV712MM Datasheet HTML 3Page - Texas Instruments LMV712MM Datasheet HTML 4Page - Texas Instruments LMV712MM Datasheet HTML 5Page - Texas Instruments LMV712MM Datasheet HTML 6Page - Texas Instruments LMV712MM Datasheet HTML 7Page - Texas Instruments LMV712MM Datasheet HTML 8Page - Texas Instruments LMV712MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
Recommended Operating Conditions
(1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40°C ≤ TJ ≤ 85°C
Thermal Resistance
10-Pin VSSOP
235°C/W
10-Pin WSON
53.4°C/W
10-Bump DSBGA
196°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
+ = 2.7V, V − = 0V, V
CM = 1.35V and TA = 25°C and RL > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
VSSOP
0.4
3
WSON
3.2
VCM = 0.85V and
VOS
Input Offset Voltage
mV
VCM = 1.85V
DSBGA
3
7
9
5.5
115
IB
Input Bias Current
pA
130
50
75
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 2.7V
dB
45
2.7V
≤ V+ ≤ 5V,
70
90
dB
VCM = 0.85V
68
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
70
90
dB
VCM = 1.85V
68
For CMRR
≥ 50dB
−0.3
−0.2
CMVR
Common Mode Voltage Range
V
2.9
3
Sourcing
15
25
mA
VO = 0V
12
ISC
Output Short Circuit Current
Sinking
25
50
mA
VO = 2.7V
22
2.62
2.68
RL = 10kΩ to 1.35V
V
2.60
0.01
0.12
V
0.15
VO
Output Swing
2.52
2.55
RL = 600Ω to 1.35V
V
2.50
0.05
0.23
V
0.30
VO(SD)
Output Voltage in Shutdown
10
200
mV
1.22
1.7
On Mode
mA
1.9
IS
Supply Current per Channel
0.12
1.5
Shutdown Mode
uA
2.0
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com