Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8603MM Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP8603MM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8603MM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP8603MM Datasheet HTML 17Page - Texas Instruments LMP8603MM Datasheet HTML 18Page - Texas Instruments LMP8603MM Datasheet HTML 19Page - Texas Instruments LMP8603MM Datasheet HTML 20Page - Texas Instruments LMP8603MM Datasheet HTML 21Page - Texas Instruments LMP8603MM Datasheet HTML 22Page - Texas Instruments LMP8603MM Datasheet HTML 23Page - Texas Instruments LMP8603MM Datasheet HTML 24Page - Texas Instruments LMP8603MM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Output Buffer
ADC
TIME (ns)
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
50
100
150
200
250
300
20 pF
10 pF
VS = 5V
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
Figure 49. Capacitive Load Response at 5.0V
These figures can be used to estimate the disturbance that will be caused when driving a switched capacitive
load. To minimize the error signal introduced by the sampling that occurs on the ADC input, an additional RC
filter can be placed in between the LMP8602/LMP8602Q/LMP8603/LMP8603Q and the ADC as illustrated in
Figure 50.
Figure 50. Reduce Error When Driving ADCs
The external capacitor absorbs the charge that flows when the ADC sampling capacitor is connected. The
external capacitor should be much larger than the sample and hold capacitor at the input of the ADC and the RC
time constant of the external filter should be such that the speed of the system is not affected.
LOW SIDE CURRENT SENSING APPLICATION WITH LARGE COMMON MODE TRANSIENTS
Figure 51 illustrates a low side current sensing application with a low side driver. The power transistor is pulse
width modulated to control the average current flowing through the inductive load which is connected to a
relatively high battery voltage. The current through the load is measured across a shunt resistor RSENSE in series
with the load. When the power transistor is on, current flows from the battery through the inductive load, the
shunt resistor and the power transistor to ground. In this case, the common mode voltage on the shunt is close
to ground. When the power transistor is off, current flows through the inductive load, through the shunt resistor
and through the freewheeling diode. In this case the common mode voltage on the shunt is at least one diode
voltage drop above the battery voltage. Therefore, in this application the common mode voltage on the shunt is
varying between a large positive voltage and a relatively low voltage. Because the large common mode voltage
range of the LMP8602/LMP8603 and because of the high AC common mode rejection ratio, the
LMP8602/LMP8603 is very well suited for this application.
For this application the following example can be used for the calculation of the output signal:
When using a sense resistor, RSENSE, of 0.01 Ω and a current of 1A, then the output voltage at the input pins of
the LMP8602 is: RSENSE * ILOAD = 0.01 Ω * 1A = 0.01V
With the gain of 50 for the LMP8602 this will give an output of 0.5V. Or in other words, VOUT = 0.5V/A.
For the LMP8603 the calculation is similar, but with a gain of 100, giving an output of 1 V/A.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com