Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56374 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
17
4.8
Enhanced Serial Audio Interface_1
Table 11. Enhanced Serial Audio Interface_1 Signals
Signal Name
Signal Type
State during
Reset
Signal Description
HCKR_1
Input or output
GPIO
disconnected
High Frequency Clock for Receiver—When programmed as
an input, this signal provides a high frequency clock source
for the ESAI_1 receiver as an alternate to the DSP core
clock. When programmed as an output, this signal can
serve as a high-frequency sample clock (e.g., for external
digital to analog converters [DACs]) or as an additional
system clock.
PE2
Input, output, or
disconnected
Port E2—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
HCKT_1
Input or output
GPIO
disconnected
High Frequency Clock for Transmitter—When programmed
as an input, this signal provides a high frequency clock
source for the ESAI_1 transmitter as an alternate to the
DSP core clock. When programmed as an output, this
signal can serve as a high frequency sample clock (e.g., for
external DACs) or as an additional system clock.
PE5
Input, output, or
disconnected
Port E5—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com