Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C52 Datasheet(PDF) 7 Page - Intel Corporation

Part # 87C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C52 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 87C52 Datasheet HTML 3Page - Intel Corporation 87C52 Datasheet HTML 4Page - Intel Corporation 87C52 Datasheet HTML 5Page - Intel Corporation 87C52 Datasheet HTML 6Page - Intel Corporation 87C52 Datasheet HTML 7Page - Intel Corporation 87C52 Datasheet HTML 8Page - Intel Corporation 87C52 Datasheet HTML 9Page - Intel Corporation 87C52 Datasheet HTML 10Page - Intel Corporation 87C52 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
8XC52/54/58
8XC5X EXPRESS
The Intel EXPRESS system offers enhancements to
the operational specifications of the MCS 51 family
of microcontrollers. These EXPRESS products are
designed to meet the needs of those applications
whose operating requirements exceed commercial
standards.
The EXPRESS program includes the commercial
standard temperature range with burn-in and an ex-
tended temperature range with or without burn-in.
With the commercial standard temperature range,
operational characteristics are guaranteed over the
temperature range of 0
°C to a 70°C. With the ex-
tended temperature range option, operational char-
acteristics are guaranteed over the range of - 40
°C
to +85
°C.
The optional burn-in is dynamic for a minimum time
of 168 hours at 125
°C with VCC = 6.9V ± 0.25V,
following guidelines in MIL-STD-883, Method 1015.
For the extended temperature range option, this
data sheet specifies the parameters which deviate
from their commercial temperature range limits.
NOTE:
Intel offers Express Temperature specifica-
tions for all 8XC5X speed options except for
33 MHz.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com