Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3547S-2AB-102B Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3547S-2AB-102B
Description  3-Turn Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3547S-2AB-102B Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3547S-2AB-102B Datasheet HTML 1Page - Bourns Electronic Solutions 3547S-2AB-102B Datasheet HTML 2Page - Bourns Electronic Solutions 3547S-2AB-102B Datasheet HTML 3Page - Bourns Electronic Solutions 3547S-2AB-102B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3547 - 3-Turn Precision Potentiometer
Panel Thickness Dimensions
(For Bushing Mount Only)
PANEL
POT
LOCKWASHER
HEX NUT
2.46 - 3.81
(.097 - .150)
1.60 +.08/-.03
(.063 +.003/-.001)
10.44 ± .07
(.411 ± .003)
DIA.
DIA.
ADDITIONAL HOLE FOR
ANTI-ROTATION PIN
MM
(INCHES)
DIMENSIONS:
Anti-rotation pin hole is shown at six o'clock
position for reference only. The actual location is
determined by the customer's application. Refer
to the front view of the potentiometer to see the
location of the optional A/R pin.
Panel thickness and hole diameters are
recommended for best fit. However, customers
may adjust the dimensions to suit their specific
application.
TOLERANCES: ±
7.42
(.292)
R
0.127
(.005)
How To Order
3
547
S
-
2
A A
-
1
03
/
10
3
A
Code
H
S
Description
Hybritron®
Wirewound
ELEMENT TYPE
Code
A
B
Description
None
180
°
ANTI-ROTATION LUG*
Code
3547
Description
3-Turn
MODEL DESIGNATOR
Code
1
2
Description
Single
Dual
NO. OF SECTIONS
Code
A
B
Description
0.25 %
0.20 %
INDEPENDENT LINEARITY
Code
A
B
C
D
G
H
Shaft FMS
13/16 "
20.6 mm
13/16 "
20.6 mm
13/16 "
20.6 mm
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Stainless Steel
Stainless Steel
Shaft Dia.
1/4 "
6 mm
1/4 "
6 mm
1/4 "
6 mm
Bushing Dia.
3/8 "
9 mm
3/8 "
9 mm
3/8 "
9 mm
Bushing Material
Brass
Brass
Bronze
Bronze
Bronze
Bronze
Slip Clutch
N/A
N/A
N/A
N/A
Yes***
Yes***
BUSHING MOUNT
Code
E
Shaft FMS
3/8 "
Shaft Material
Stainless Steel
Shaft Dia.
1/8 "
SERVO MOUNT
Code
Element Type
Hybritron®
Hybritron®
Hybritron®
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Resolution
—
—
—
0.069
0.054
0.043
0.04
0.038
0.029
0.023
0.017
RESISTANCE**
102 (1K ohms)
502 (5K ohms)
103 (10K ohms)
201 (200 ohms)
501 (500 ohms)
102 (1K ohms)
202 (2K ohms)
502 (5K ohms)
103 (10K ohms)
203 (20K ohms)
503 (50K ohms)
** For Single gang, use only first three digits.
For Dual gang, use six digits separated by a "/".
* Anti-rotation lug is not available for
servo mount versions.
*** Not available in dual gang version.
“Hybritron” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 10/11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com