Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5367MTH1R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 5367MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5367MTH1R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 5367MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
APEM
www.apem.com
A-35
5000 series
Toggle switches - quick-connect terminals
Threaded bushing Ø 6,35 (1/4) : 5200Z
A
Double pole
Single pole
• Terminal spacing 4,7 mm (.185)
• Epoxy sealed terminals standard
• 1and 2 pole configurations
*Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
MODEL
STRUCTURE
III
II
I
2-3
1-2
5236Z
ON
-
ON
5239Z
ON
OFF
ON
5237Z
MOM OFF MOM
5238Z
ON
OFF MOM
5232Z
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5246Z
ON
-
ON
5249Z
ON
OFF
ON
5247Z
MOM OFF MOM
5248Z
ON
OFF MOM
5242Z
ON
- MOM
5244Z*
ON
ON
ON
5244Z 1R*
ON
ON MOM
5244Z 2R*
MOM ON MOM
PANEL CUT
-OUT
With K
With X408
Standard
sealing option
sealing option
Shown with standard lever (-13)
➞ Keyway
➞ Keyway
➞ Keyway
1
2
3
(.061)
1.57
(.204)
(.255 DIA)
(.086 DIA)
(.106)
Ø6.50
Ø2.20
5.20
2.70
Ø6.50
(.255 DIA)
Ø6.50
(.255 DIA)
2.70
(.106)
7.00
(.275)
1.00
(.039)
13.10
(.515)
8.00
(.314)
(.413)
10.50
5.30
(.208)
EPOXY
I
II
III
Ø6.35-40UNS
(1/4-40UNS)
(1/4-40UNS)
Ø6.35-40UNS
12.00
(.472)
10.50
(.413)
(.314)
8.00
(.515)
13.10
(.039)
1.00
(.208)
5.30
EPOXY
I
II
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com