Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985IM5-2.5/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-2.5/NOPB
Description  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-2.5/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP2985IM5-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LP2985-N
SNVS018V – MARCH 2000 – REVISED JUNE 2013
www.ti.com
BASIC APPLICATION CIRCUIT
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum capacitance is shown to ensure stability (may be increased without limit). Ceramic capacitor required for
output (see APPLICATION HINTS).
***Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low
leakage current (see APPLICATION HINTS).
CONNECTION DIAGRAMS
Top View
Top View
Figure 1. SOT-23, 5-Lead Small Outline Package
Figure 2. DSBGA Package, 5-Bump Package
(M5)
See Package Numbers YPB0005 and YZR0005
See Package Number DBV0005A
NOTE
The actual physical placement of the package marking will vary from part to part. Package
marking contains date code and lot traceability information, and will vary considerably.
Package marking does not correlate to device type.
PIN DESCRIPTIONS
Pin Number
Name
Function
SOT-23
DSBGA
VIN
1
C3
Input Voltage
GND
2
A1
Common Ground (device substrate)
ON/OFF
3
A3
Logic high enable input
BYPASS
4
B2
Bypass capacitor for low noise operation
VOUT
5
C1
Regulated output voltage
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com