Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985IM5-2.8/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-2.8/NOPB
Description  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5-2.8/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP2985IM5-2.8/NOPB Datasheet HTML 1Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 2Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 3Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 4Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-2.8/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) +1, TA = 25°C, ON/OFF pin is tied to VIN.
VOUT vs Temperature
Short-Circuit Current
Figure 3.
Figure 4.
Short-Circuit Current
Short Circuit Current vs Output Voltage
Figure 5.
Figure 6.
Ripple Rejection
Ripple Rejection
Figure 7.
Figure 8.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com