Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDX-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEDX-3
Description  LEDX Series - 2 Pin Square 5mm x 5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDX-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEDX-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDX-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Suresh 31/5/05
31/5/05
14/6/05
Shashi
NK
RELEASED
LEDX Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2004.
TOLERANCES:
DRAWN BY:
Suresh
Shashi
NK
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
LEDX Series - 2 Pin Square 5mm x 5mm
3105_DWG
M100000045
31/05/05
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 2
DWG NO.
ELECTRONIC FILE
REV
31/05/05
A
DATE:
14/06/05
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Notes:
For enquiries from all other markets
International Sales Offices:
AUSTRALIA – Farnell InOne
Tel No:
++ 61 2 9645 8888
Fax No: ++ 61 2 9644 7898
FRANCE – Farnell InOne
Tel No:
++ 33 474 68 99 99
Fax No: ++ 33 474 68 99 90
NORWAY – Farnell InOne
Tel No:
++ 45 44 53 66 66
Fax No: ++ 45 44 53 66 02
AUSTRIA – Farnell InOne
Tel No:
++ 43 662 2180 680
Fax No: ++ 43 662 2180 670
GERMANY – Farnell InOne
Tel No:
++ 49 89 61 39 39 39
Fax No: ++ 49 89 613 59 01
PORTUGAL – Farnell InOne
Tel No:
++ 34 93 475 8804
Fax No: ++ 34 93 474 5288
ESTONIA – Farnell InOne
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
NETHERLANDS – Farnell InOne
Tel No:
++ 31 30 241 7373
Fax No: ++ 31 30 241 7333
UK – Farnell InOne
Tel No:
++ 44 8701 200 200
Fax No: ++ 44 8701 200 201
SINGAPORE
Farnell-Newark InOne
Tel No:
++ 65 6788 0200
Fax No: ++ 65 6788 0300
HONG KONG
Farnell-Newark InOne
Tel No:
++ 852 2268 9888
Fax No: ++ 852 2268 9899
BELGIUM – Farnell InOne
Tel No:
++ 32 3 475 2810
Fax No: ++ 32 3 227 3648
BRAZIL – Farnell-Newark InOne
Tel No:
++ 55 11 4066 9400
Fax No: ++ 55 11 4066 9410
IRELAND – Farnell InOne
Tel No:
++ 353 1 830 9277
Fax No: ++ 353 1 830 9016
SPAIN – Farnell InOne
Tel No:
++ 34 93 475 8805
Fax No: ++ 34 93 474 5107
CHINA – Farnell-Newark InOne
Tel No:
++86 10 6238 5152
Fax No: ++86 10 6238 5022
ITALY – Farnell InOne
Tel No:
++ 39 02 93 995 200
Fax No: ++ 39 02 93 995 300
SWEDEN – Farnell InOne
Tel No:
++ 46 8 730 50 00
Fax No: ++ 46 8 83 52 62
MALAYSIA
Farnell-Newark InOne
Tel No:
++ 60 3 7873 8000
Fax No: ++ 60 3 7873 7000
SWITZERLAND – Farnell InOne
Tel No:
++ 41 1 204 64 64
Fax No: ++ 41 1 204 64 54
DENMARK – Farnell InOne
Tel No:
++ 45 44 53 66 44
Fax No: ++ 45 44 53 66 06
UK CPC
++ 44 8701 202 530
++ 44 8701 202 531
UK BuckHickman InOne
++ 44 8450 510 150
++ 44 8450 510 130
NEW ZEALAND – Farnell InOne
Tel No:
++ 64 9 357 0646
Fax No: ++ 64 9 357 0656
EXPORT – Farnell InOne
Tel No:
++ 44 8701 200 208
Fax No: ++ 44 8701 200 209
export
FINLAND – Farnell InOne
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
http://www.farnellinone.com
http://www.buckhickmaninone.com
http://www.cpc.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com