Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6371 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS6371 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
2D
[7:0] CCMb2_0
0x00
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )
2E
[7:0] CCMb2_1
0xe6
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )
2F
[7:0] CCMb2_2
0x5a
Color Correction Matrix coefficient unsigned 8bit,
2.6 format, 0~+4
(ISP_UpdateFlag=1, update )
34 - 4F
[7:0] Reserved
xx
Reserved
50
[7:0] CSM1_1
0xa7
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
51
[7:0] CSM0_0
0xc2
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
52
[7:0] CSM1_0
0x1c
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
53
[7:0] CSM2_2
0xd4
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
54
[7:0] CSM0_2
0x0b
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
55
[7:0] CSM0_1
0x38
Color saturation Matrix coefficient unsigned 8bit,
1.7 format, 0~+2
56
[7:0] AG_stage_UB
0x3f
AG_stage upper bound at max AE_stage
57
[7:0] Reserved
xx
Reserved
58
[7:0] ISP_Y0
0x04
ISP Gamma Y0
(ISP_UpdateFlag=1, update )
59
[7:0] ISP_Y1
0x08
ISP Gamma Y1
(ISP_UpdateFlag=1, update )
5A
[7:0] ISP_Y2
0x10
ISP Gamma Y2
(ISP_UpdateFlag=1, update )
5B
[7:0] ISP_Y3
0x20
ISP Gamma Y3
(ISP_UpdateFlag=1, update )
5C
[7:0] ISP_Y4
0x32
ISP Gamma Y4
(ISP_UpdateFlag=1, update )
5D
[7:0] ISP_Y5
0x44
ISP Gamma Y5
(ISP_UpdateFlag=1, update )
5E
[7:0] ISP_Y6
0x71
ISP Gamma Y6
(ISP_UpdateFlag=1, update )
5F
[7:0] ISP_Y7
0x90
ISP Gamma Y7
(ISP_UpdateFlag=1, update )
60
[7:0] ISP_Y8
0xae
ISP Gamma Y8
(ISP_UpdateFlag=1, update )
61
[7:0] ISP_Y9
0xca
ISP Gamma Y9
(ISP_UpdateFlag=1, update )
62
[0]
ISP_Gamma_EnH
0x00
ISP gamma correction enable
(ISP_UpdateFlag=1, update )
[4]
ISP_EnH_update
0x00
Flag: ISP enable is sync by vsync
63
[5]
ISP_EnH
0x01
ISP enable
64
[0]
saturation_En
0x01
Color saturation matrix enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com