Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE0804 Datasheet(PDF) 11 Page - Tyco Electronics

Part # ADE0804
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0804 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button ADE0804 Datasheet HTML 7Page - Tyco Electronics ADE0804 Datasheet HTML 8Page - Tyco Electronics ADE0804 Datasheet HTML 9Page - Tyco Electronics ADE0804 Datasheet HTML 10Page - Tyco Electronics ADE0804 Datasheet HTML 11Page - Tyco Electronics ADE0804 Datasheet HTML 12Page - Tyco Electronics ADE0804 Datasheet HTML 13Page - Tyco Electronics ADE0804 Datasheet HTML 14Page - Tyco Electronics ADE0804 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
10
Switches
Toggle Switches
AW Series
I IP67 panel mounting seal
I Sleeve & Frame perfect
sealed
1, 2 and 4
Break before Make
No
2 or 3
Quick connect
Standard Toogle
20 A @ 250 Vac
20,000 ops.
-20…+70°C
33 x 19.5...36.5 x 24.5 mm
Bulk
F Series
I Terminals are gold-flashed
I Wide range of switching
functions
I Wide choice of toggles
up to 4
Break before Make
No
2 or 3
Leadwire hooking
Standard, long, locking;
rocker style
6 A @ 250 Vac
50,000 ops.
-20…+70°C
14.8 x 8...23 x 10.5 mm
Bulk
Toggles
Number of poles
Contact timing
Right angle versions
Standard number of positions
Terminals / Mounting style
Actuator style
Contact rating
Electrical endurance
Operating temperature range
Dimensions case (LxWxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com