Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4003 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI4003
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI4003 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI4003 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice
.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 2.5 mA
45
V
BVCER
IC = 5 mA
RBE = 10
Ω
45
V
BVEBO
IE = 10 mA
3.5
V
ICBO
VCB = 28 V
0.5
mA
hFE
VCE = 5.0 V
IC = 250 mA
15
120
---
Cob
VCB = 28 V
f = 1.0 MHz
5.0
pF
PG
ηη
C
VCC = 28 V
POUT = 3.0 W
f = 4.0 GHz
5.0
25
dB
%
NPN SILICON RF POWER TRANSISTOR
ASI4003
DESCRIPTION:
The
ASI 4003 is Designed for General
Purpose Class C Power Amplifier
Applications up to 4200 MHz.
FEATURES:
• P
G = 5 dB min. at 3 W / 4,000 MHz
• Hermetic Microstrip Package
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
0.5 A
VCC
30 V
PDISS
14.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθ
JC
12.5
OC/W
PACKAGE STYLE .250 2L FLG
ORDER CODE: ASI10543
MINIMUM
inches / mm
.740 / 18.80
.128 / 3.25
.245 / 6.22
.028 / 0.71
.110 / 2.79
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.032 / 0.81
.117 / 2.97
.132 / 3.35
inches / mm
.117 / 2.97
H
.560 / 14.22
.570 / 14.48
DIM
K
L
I
J
.790 / 20.07
.225 / 5.72
.003 / 0.08
.810 / 20.57
.235 / 5.97
.007 / 0.18
L
G
I
J
K
H
F
B
E
C
ØD
A
N
M
P
.060 x 45°
CHAMFER
P
N
M
.149 / 3.78
.058 / 1.47
.187 / 4.75
.068 / 1.73
.165 / 4.19
.185 / 4.70
.135 / 3.43
.119 / 3.02
.125 / 3.18


Similar Part No. - ASI4003

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI4000 ASI-ASI4000 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI4001 ASI-ASI4001 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI4001 ASI-ASI4001 Datasheet
39Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI4001 ASI-ASI4001_10 Datasheet
39Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI4003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com