Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL3921 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix WSL3921 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSL3921, WSL5931
www.vishay.com
Vishay Dale
Revision: 10-Jan-14
1
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors,
Low Value (down to 0.0002
), Surface Mount
FEATURES
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values, down to
0.0002
• All welded construction
• Solid metal iron-chrome or manganese-copper
alloy resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified available (1)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Flame retardance test may not be applicable to some resistor
technologies
Note
(2) Other values may be available, contact factory.
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE VALUE
RANGE
RESISTANCE VALUES
CURRENTLY AVAILABLE (2)
WEIGHT
(typical)
g/1000 pieces
WSL3921
3921
3.0
1.0, 5.0
0.3m to 4m
0.3m, 0.5m, 1m, 2m, 3m, 4m
281
WSL5931
5931
5.0
1.0, 5.0
0.2m to 3m
0.2m, 0.3m, 0.5m, 1m, 2m, 3m
398
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 225 for 0.2 m
, ± 175 for 0.3 m and 0.5 m, ± 75 for 1 m to 4 m
Element TCR
ppm/°C
< 20
Operating temperature range
°C
-65 to +170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSL3921L5000FEA (WSL3921, 0.0005
, ± 1 %)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSL3921
WSL5931
L = m
L5000 = 0.0005
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
(Dash number)
(Up to 2 digits)
From 1 to 99 as
applicable
W
S
L
3
9
2
1
L
5
0
0
0
F
E
A


Similar Part No. - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount
29-Mar-05
WSL3921 VISHAY-WSL3921 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSL3921 VISHAY-WSL3921 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSL3921 VISHAY-WSL3921 Datasheet
147Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
Revision: 29-Aug-2025
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
11-Nov-10
More results

Similar Description - WSL3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSL1206R0100FEB VISHAY-WSL1206R0100FEB Datasheet
96Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
06-Jun-12
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
11-Nov-10
WSR3R0800FEA VISHAY-WSR3R0800FEA Datasheet
89Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
17-Jan-13
WSR21R000FTA VISHAY-WSR21R000FTA Datasheet
89Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
17-Jan-13
WSR3R0300FEA VISHAY-WSR3R0300FEA Datasheet
89Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
17-Jan-13
WSL2816R0500FEH VISHAY-WSL2816R0500FEH Datasheet
87Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0005 Ohm), Surface Mount
05-Mar-14
WSL3921 VISHAY-WSL3921_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value (down to 0.0002 ohm), Surface Mount
20-Jul-15
WSLP3921 VISHAY-WSLP3921_15 Datasheet
95Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 10 W), Low Value (down to 0.0002 ohm), Surface Mount
12-Mar-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com