Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM50 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM50
Description  LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM50 Datasheet(HTML) 5 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM50, LM50-Q1
www.ti.com
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
To generate these curves the LM50/LM50-Q1 was mounted to a printed circuit board as shown in Figure 14.
Start-Up Response
Figure 13.
PRINTED CIRCUIT BOARD
A.
½
″ Square Printed Circuit Board with 2 oz. Foil or Similar
Figure 14. Printed Circuit Board Used
for Heat Sink to Generate All Curves
Mounting
The LM50/LM50-Q1 can be applied easily in the same way as other integrated-circuit temperature sensors. It
can be glued or cemented to a surface and its temperature will be within about 0.2°C of the surface temperature.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature of the LM50/LM50-
Q1 die would be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM50/LM50-Q1 die is directly attached to the GND pin.
The lands and traces to the LM50/LM50-Q1 will, of course, be part of the printed circuit board, which is the object
whose temperature is being measured. These printed circuit board lands and traces will not cause the
LM50/LM50-Q1s temperature to deviate from the desired temperature.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM50 LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com