Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI10557 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10557
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10557 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10557 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 10 mA
65
V
BVCER
IC = 10 mA
RBE = 10
Ω
65
V
BVEBO
IE = 1 mA
3.5
V
ICES
VCB = 50 V
2.5
mA
hFE
VCE = 5.0 V
IC = 500 mA
15
120
---
PG
ηη
C
VCC = 50 V
POUT = 15 W
f = 1025 - 1150MHz
10
35
dB
%
NPN SILICON RF POWER TRANSISTOR
AVD015P
DESCRIPTION:
The
ASI AVD015P is Designed for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
1.25 A PEAK
VCB
50 V
PDISS
50 W PEAK
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
2.0
OC/W
PACKAGE STYLE .280 4L PILL (A)
ORDER CODE: ASI10557
MINIMUM
inches / mm
.004 / 0.10
1.000 / 25.40
.050 / 1.27
B
C
D
E
F
A
MAXIMUM
.065 / 1.65
.145 / 3.68
.007 / 0.18
inches / mm
.205 / 5.21
DIM
.095 / 2.41
.105 / 2.67
F
E
A
.100x45°
D
B
C
ØG
G
.275 / 6.99
.285 / 7.21
.195 / 4.95


Similar Part No. - ASI10557

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10550 ASI-ASI10550 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10551 ASI-ASI10551 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10552 ASI-ASI10552 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10553 ASI-ASI10553 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10554 ASI-ASI10554 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASI10557

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com