Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810 Datasheet(PDF) 4 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 4 Page - Analog Devices

  AD810 Datasheet HTML 1Page - Analog Devices AD810 Datasheet HTML 2Page - Analog Devices AD810 Datasheet HTML 3Page - Analog Devices AD810 Datasheet HTML 4Page - Analog Devices AD810 Datasheet HTML 5Page - Analog Devices AD810 Datasheet HTML 6Page - Analog Devices AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD810
REV. A
–4–
20
5
020
15
10
515
10
0
SUPPLY VOLTAGE – ±Volts
NO LOAD
RL = 150Ω
Figure 1. Input Common-Mode Voltage Range vs.
Supply Voltage
35
10
0
10
100
10k
1k
25
5
15
20
30
LOAD RESISTANCE – Ohms
±15V SUPPLY
±5V SUPPLY
Figure 3. Output Voltage Swing vs. Load Resistance
–10
140
–40
–60
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
10
8
6
4
2
0
–2
–4
–6
–8
INVERTING INPUT
VS = ±5V, ±15V
NONINVERTING INPUT
VS = ±5V, ±15V
Figure 5. Input Bias Current vs. Temperature
–Typical Characteristics
20
5
020
15
10
515
10
0
SUPPLY VOLTAGE – ±Volts
NO LOAD
RL = 150Ω
Figure 2. Output Voltage Swing vs. Supply
10
4
140
7
5
–40
6
–60
9
8
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE –
°C
VS = ±15V
VS = ±5V
Figure 4. Supply Current vs. Junction Temperature
10
–8
140
–4
–6
–40
–60
2
–2
4
6
8
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
0
–10
VS = ±15V
VS = ±5V
Figure 6. Input Offset Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com