Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD822ARMZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD822ARMZ Datasheet HTML 16Page - Analog Devices AD822ARMZ Datasheet HTML 17Page - Analog Devices AD822ARMZ Datasheet HTML 18Page - Analog Devices AD822ARMZ Datasheet HTML 19Page - Analog Devices AD822ARMZ Datasheet HTML 20Page - Analog Devices AD822ARMZ Datasheet HTML 21Page - Analog Devices AD822ARMZ Datasheet HTML 22Page - Analog Devices AD822ARMZ Datasheet HTML 23Page - Analog Devices AD822ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD822
Rev. I | Page 20 of 24
SINGLE-SUPPLY PROGRAMMABLE GAIN
INSTRUMENTATION AMPLIFIER
The AD822 can be configured as a single-supply instrumenta-
tion amplifier that is able to operate from single supplies down
to 3 V or dual supplies up to ±15 V. Using only one AD822 rather
than three separate op amps, this circuit is cost and power efficient.
The 2 pA bias currents of the AD822 FET inputs minimize
offset errors caused by high unbalanced source impedances.
An array of precision thin film resistors sets the in-amp gain to
be either 10 or 100. These resistors are laser trimmed to ratio
match to 0.01% and have a maximum differential TC of 5 ppm/°C.
Table 6. In-Amp Performance
Parameters
VS = 3 V, 0 V
VS = ±5 V
CMRR
74 dB
80 dB
Common-Mode Voltage Range
−0.2 V to +2 V
−5.2 V to +4 V
3 dB BW
G = 10
180 kHz
180 kHz
G = 100
18 kHz
18 kHz
tSETTLING
2 V Step
2 μs
5 V Step
5 μs
Noise @ f = 1 kHz
G = 10
270 nV/√Hz
270 nV/√Hz
G = 100
2.2 μV/√Hz
2.2 μV/√Hz
ISUPPLY (Total)
1.10 mA
1.15 mA
90
100
10
0%
....
....
.... .... . ..
... .... . ... . ... . ...
....
....
.... .... . . .. .... .... .... .... . ...
1V
5µs
Figure 48. Pulse Response of In-Amp to a 500 mV p-p Input Signal;
VS = 5 V, 0 V; Gain = 0
G = 100
G = 100
G = 10
G = 10
1
2
3
4
5
6
7
OHMTEK
PART # 1043
R5
9k
Ω
R4
1k
Ω
R3
1k
Ω
R2
9k
Ω
R1
90k
Ω
R6
90k
Ω
VREF
V+
0.1µF
1/2
AD822
1/2
AD822
VOUT
VIN1
VIN2
RP
1k
Ω
RP
1k
Ω
(G = 10) VOUT = (VIN1 – VIN2)+VREF
1+
R6
R4 + R5
()
(G = 100) VOUT = (VIN1 – VIN2)+VREF
R5 + R6
R4
1+
()
Figure 49. A Single-Supply Programmable Instrumentation Amplifier
LOW DROPOUT BIPOLAR BRIDGE DRIVER
The AD822 can be used for driving a 350 Ω Wheatstone bridge.
Figure 50 shows one-half of the AD822 being used to buffer the
AD589, a 1.235 V low power reference. The output of 4.5 V can
be used to drive an analog-to-digital converter (ADC) front end.
The other half of the AD822 is configured as a unity-gain inverter
and generates the other bridge input of −4.5 V. Resistor R1 and
Resistor R2 provide a constant current for bridge excitation. The
AD620 low power instrumentation amplifier is used to condition
the differential output voltage of the bridge. The gain of the AD620
is programmed using an external resistor RG and determined by
1
k
9
.
49
G
R
G
+1.235V
49.9k
Ω
R1
20
Ω
25.4k
Ω 1%
10k
Ω 1%
350
Ω
350
Ω
350
Ω
350
Ω
RG
AD589
10k
Ω 1%
10k
Ω 1%
R2
20
Ω
–4.5V
GND
+5V
–5V
1/2
AD822
+
–
1/2
AD822
8
3
2
1
V+
+VS
–VS
VREF
V+
V–
V–
AD620
+
–
2
3
4
5
6
7
0.1
μF
0.1
μF
1
μF
1
μF
++
++
6
5
7
4
TO A/D CONVERTER
REFERENCE INPUT
Figure 50. Low Dropout Bipolar Bridge Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com