Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8033AKS-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8033AKS-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKS-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8033AKS-R2 Datasheet HTML 6Page - Analog Devices AD8033AKS-R2 Datasheet HTML 7Page - Analog Devices AD8033AKS-R2 Datasheet HTML 8Page - Analog Devices AD8033AKS-R2 Datasheet HTML 9Page - Analog Devices AD8033AKS-R2 Datasheet HTML 10Page - Analog Devices AD8033AKS-R2 Datasheet HTML 11Page - Analog Devices AD8033AKS-R2 Datasheet HTML 12Page - Analog Devices AD8033AKS-R2 Datasheet HTML 13Page - Analog Devices AD8033AKS-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD8033/AD8034
Rev. D | Page 9 of 24
FREQUENCY (MHz)
–40
–50
–120
5
1
0.1
–60
–70
–110
–80
–90
–100
G = +2
HD2 RL = 500Ω
HD2 RL = 1kΩ
HD3 RL = 1kΩ
HD3 RL = 500Ω
Figure 18. Harmonic Distortion vs. Frequency for Various Loads
(See Figure 45)
FREQUENCY (MHz)
–40
–50
–120
5
0.1
1
–60
–70
–110
–80
–90
–100
G = +2
HD3 VS = 24V
HD2 VS = 24V
HD2 VS = 5V
HD3 VS = 5V
Figure 19. Harmonic Distortion vs. Frequency for Various Supply Voltages
(See Figure 45)
FREQUENCY (Hz)
1000
10
M
0
1
10
100
1k
10k
100k
1M
10M
100M
100
Figure 20. Voltage Noise vs. Frequency
FREQUENCY (MHz)
–40
–50
–120
5
0.1
1
–60
–70
–110
–80
–90
–100
HD3 G = +2
HD2 G = +1
HD3 G = +1
HD2 G = +2
Figure 21. Harmonic Distortion vs. Frequency for Various Gains
FREQUENCY (MHz)
–40
–50
–120
5
0.1
1
–60
–70
–110
–80
–90
–100
HD3 VOUT = 20V p-p
HD2 VOUT = 20V p-p
HD3 VOUT = 10V p-p
HD2 VOUT = 10V p-p
HD3 VOUT = 2V p-p
HD2 VOUT = 2V p-p
–30
–20
G = +2
Figure 22. Harmonic Distortion vs. Frequency for Various Amplitudes
(See Figure 45), VS = 24 V
CAPACITIVE LOAD (pF)
80
0
70
40
30
20
10
60
50
10
30
50
70
90
110
VS = +5V POSITIVE SIDE
VS =±5V POSITIVE SIDE
VS =±5V NEGATIVE SIDE
VS = +5V NEGATIVE SIDE
G = +1
Figure 23. Percent Overshoot vs. Capacitive Load (See Figure 44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com