Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8111AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD8111AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8111AST Datasheet HTML 9Page - Analog Devices AD8111AST Datasheet HTML 10Page - Analog Devices AD8111AST Datasheet HTML 11Page - Analog Devices AD8111AST Datasheet HTML 12Page - Analog Devices AD8111AST Datasheet HTML 13Page - Analog Devices AD8111AST Datasheet HTML 14Page - Analog Devices AD8111AST Datasheet HTML 15Page - Analog Devices AD8111AST Datasheet HTML 16Page - Analog Devices AD8111AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
REV. A
AD8110/AD8111
–12–
FREQUENCY – Hz
10k
100k
1M
10M
–30
–40
–50
–60
–70
–80
RL = 150
TPC 19. AD8111 PSRR vs. Frequency
FREQUENCY
Hz
100
56.3
10
1k
10M
100k
31.6
17.8
10
5.63
3.16
100
10k
1M
TPC 20. AD8111 Voltage Noise vs. Frequency
FREQUENCY
MHz
100k
0.1
1
500
10
10k
1k
100
10
100
TPC 21. AD8111 Output Impedance, Disabled
UPDATE INPUT
TYPICAL VIDEO OUT (RTO)
5
4
3
2
1
0
10
0
–10
50ns/DIV
SWITCHING BETWEEN
TWO INPUTS
TPC 22. AD8111 Switching Transient (Glitch)
FREQUENCY – Hz
100k
1M
500M
10M
100M
–60
–80
–100
–120
–130
–110
–90
–70
–50
VOUT = 2V p-p
RL = 150
–40
`
TPC 23. AD8111 Off Isolation, Input-Output
FREQUENCY
Hz
1k
100k
1M
500M
10M
100
10
1
0.1
100M
TPC 24. AD8111 Output Impedance, Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com