Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8034ARTZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8034ARTZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034ARTZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8034ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8033/AD8034
Rev. D | Page 4 of 24
TA = 25°C, VS = 5 V, RL = 1 kΩ, gain = +2, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
70
80
MHz
G = +2, VOUT = 0.2 V p-p
32
MHz
G = +2, VOUT = 2 V p-p
21
MHz
Input Overdrive Recovery Time
−3 V to +3 V input
180
ns
Output Overdrive Recovery Time
−1.5 V to +1.5 V input, G = +2
200
ns
Slew Rate (25% to 75%)
G = +2, VOUT = 4 V step
55
70
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
100
ns
NOISE/HARMONIC PERFORMANCE
Distortion
fC = 1 MHz, VOUT = 2 V p-p
Second Harmonic
RL = 500 Ω
−80
dBc
RL = 1 kΩ
−84
dBc
Third Harmonic
RL = 500 Ω
−70
dBc
RL = 1 kΩ
−80
dBc
Crosstalk, Output to Output
f = 1 MHz, G = +2
−86
dB
Input Voltage Noise
f = 100 kHz
11
nV/√Hz
Input Current Noise
f = 100 kHz
0.7
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
VCM = 0 V
1
2
mV
TMIN − TMAX
3.5
mV
Input Offset Voltage Match
2.5
mV
Input Offset Voltage Drift
4
30
μV/°C
Input Bias Current
1
10
pA
TMIN − TMAX
50
pA
Open-Loop Gain
VOUT = 0 V to 3 V
87
92
dB
INPUT CHARACTERISTICS
Common-Mode Input Impedance
1000||2.3
GΩ||pF
Differential Input Impedance
1000||1.7
GΩ||pF
Input Common-Mode Voltage Range
FET Input Range
0 to 2.0
V
Common-Mode Rejection Ratio
VCM = 1.0 V to 2.5 V
−80
−100
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
0.16 to 4.83
0.04 to 4.95
V
Output Short-Circuit Current
30
mA
Capacitive Load Drive
30% overshoot, G = +1, VOUT = 400 mV p-p
25
pF
POWER SUPPLY
Operating Range
5
24
V
Quiescent Current per Amplifier
3.3
3.5
mA
Power Supply Rejection Ratio
VS = ±1 V
−80
−100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com