Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9874EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 1 Page - Analog Devices

  AD9874EB Datasheet HTML 1Page - Analog Devices AD9874EB Datasheet HTML 2Page - Analog Devices AD9874EB Datasheet HTML 3Page - Analog Devices AD9874EB Datasheet HTML 4Page - Analog Devices AD9874EB Datasheet HTML 5Page - Analog Devices AD9874EB Datasheet HTML 6Page - Analog Devices AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9874*
IF Digitizing Subsystem
*Protected by U.S. Patent No. 5,969,657;
FEATURES
10 MHz to 300 MHz Input Frequency
7.2 kHz to 270 kHz Output Signal Bandwidth
8.1 dB SSB NF
0 dBm IIP3
AGC Free Range up to –34 dBm
12 dB Continuous AGC Range
16 dB Front End Attenuator
Baseband I/Q 16-Bit (or 24-Bit) Serial Digital Output
LO and Sampling Clock Synthesizers
Programmable Decimation Factor, Output Format,
AGC, and Synthesizer Settings
370
Input Impedance
2.7 V to 3.6 V Supply Voltage
Low Current Consumption: 20 mA
48-Lead LQFP Package (1.4 mm Thick)
APPLICATIONS
Multimode Narrow-Band Radio Products
Analog/Digital UHF/VHF FDMA Receivers
TETRA, APCO25, GSM/EDGE
Portable and Mobile Radio Products
Base Station Applications
SATCOM Terminals
-
ADC
LNA
DAC
AGC
VOLTAGE
REFERENCE
SPI
CONTROL LOGIC
FORMATTING/SSI
DECIMATION
FILTER
LO
SYN
CLK SYN
LO VCO AND
LOOP FILTER
IFIN
FREF
DOUTA
DOUTB
FS
CLKOUT
SYNCB
PE
PD
PC
VREFN
VCM
VREFP
MXOP MXON IF2P IF2N
GCP GCN
–16dB
AD9874
CLKN
CLKP
IOUTC
LON
LOP
IOUTL
LOOP FILTER
GENERAL DESCRIPTION
The AD9874 is a general-purpose IF subsystem that digitizes a
low level 10 MHz to 300 MHz IF input with a signal bandwidth
ranging from 6.8 kHz to 270 kHz. The signal chain of the AD9874
consists of a low noise amplifier, a mixer, a band-pass sigma-delta
analog-to-digital converter, and a decimation filter with program-
mable decimation factor. An automatic gain control (AGC) circuit
gives the AD9874 12 dB of continuous gain adjustment. Auxil-
iary blocks include both clock and LO synthesizers.
The AD9874’s high dynamic range and inherent antialiasing
provided by the band-pass sigma-delta converter allow the
AD9874 to cope with blocking signals up to 95 dB stronger
than the desired signal. This attribute can often reduce the cost of
a radio by reducing its IF filtering requirements. Also, it enables
multimode radios of varying channel bandwidths, allowing the
IF filter to be specified for the largest channel bandwidth.
The SPI port programs numerous parameters of the AD9874,
thus allowing the device to be optimized for any given application.
Programmable parameters include synthesizer divide ratios, AGC
attenuation and attack/decay time, received signal strength level,
decimation factor, output data format, 16 dB attenuator, and the
selected bias currents. The bias currents of the LNA and mixer
can be further reduced at the expense of degraded performance
for battery-powered applications.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - AD9874EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9874EB AD-AD9874EB Datasheet
744Kb / 40P
IF Digitizing Subsystem
REV.0
AD9874EB AD-AD9874EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874EB AD-AD9874EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874EB AD-AD9874EB Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results

Similar Description - AD9874EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9870 AD-AD9870 Datasheet
233Kb / 20P
IF Digitizing Subsystem
REV.0
AD9864 AD-AD9864 Datasheet
1Mb / 44P
IF Digitizing Subsystem
AD9874 AD-AD9874 Datasheet
744Kb / 40P
IF Digitizing Subsystem
REV.0
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_17 Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com