Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD319 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD319
Description  PCS Duplexer With Bias Tee
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD319 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD319 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD319
PCS Duplexer
With Bias Tee
Revision 3, 11/6/2002
Receive Channel
Transmit Channel
Passband:
1850 - 1910 MHz
Passband:
1930 - 1990 MHz
Insertion Loss:
0.8 dB max.
Insertion Loss:
0.8 dB max.
Flatness:
0.4 dB max.
Flatness:
0.4 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
DC – 1825 MHz
50 dB min
DC – 1910 MHz
75 dB min
1930 – 5000 MHz
75 dB min
2015 – 5000 MHz
50 dB min.
Isolation Tx to Rx:
75 dB min.
Isolation Rx to Tx:
75 dB min.
Intermodulation:
-105 dBm max.
Power:
500 Watts CW Ave.
Measured at the RX port
5000 Watts PIP
with two +43dBm CW carriers
at the TX port, ANT port
terminated with low IMD 50 Ω
termination
Bias Tee:
24 Volts / 200 mA to Antenna Port
Heat sinking:
Direct Heat Sink Is Recommended But Not Required.
Forced Air Not Required But Is Recommended.
Connectors:
Ant., TX, RX - 7/16 DIN Female
Bias – Std. Feedthru Filter Conn.
Finish:
Unpainted Silver
Dimensions:
Per OL-CMD319 Rev. 1
Operation Temp:
-20° to +70°C
Storage Temp:
-40° to +85°C


Similar Part No. - CMD319

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD319 QORVO-CMD319 Datasheet
355Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
October 13, 2021
CMD319C3 QORVO-CMD319C3 Datasheet
360Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
CMD319C3-EVB QORVO-CMD319C3-EVB Datasheet
360Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
More results

Similar Description - CMD319

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
logo
Mini-Circuits
ZFBT-282-1.5A MINI-ZFBT-282-1.5A Datasheet
236Kb / 2P
Bias-Tee
TCBT-14 MINI-TCBT-14_16 Datasheet
407Kb / 3P
Bias Tee
TCBT-14R MINI-TCBT-14R Datasheet
392Kb / 3P
Bias-Tee
ZX85-40W-63 MINI-ZX85-40W-63 Datasheet
239Kb / 2P
Bias-Tee
ZFBT-33W-75-FT MINI-ZFBT-33W-75-FT Datasheet
209Kb / 1P
Bias-Tee
Z3BT-2R15G MINI-Z3BT-2R15G Datasheet
556Kb / 3P
Bias-Tee
ZABT-80W-13 MINI-ZABT-80W-13 Datasheet
212Kb / 2P
Bias-Tee
PBTC-3G MINI-PBTC-3G Datasheet
197Kb / 2P
Bias-Tee
MBT-283 MINI-MBT-283 Datasheet
249Kb / 5P
Bias-Tee
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com