Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321LILT Datasheet(PDF) 19 Page - STMicroelectronics

Part # LMV321LILT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LILT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LMV321LILT Datasheet HTML 12Page - STMicroelectronics LMV321LILT Datasheet HTML 13Page - STMicroelectronics LMV321LILT Datasheet HTML 14Page - STMicroelectronics LMV321LILT Datasheet HTML 15Page - STMicroelectronics LMV321LILT Datasheet HTML 16Page - STMicroelectronics LMV321LILT Datasheet HTML 17Page - STMicroelectronics LMV321LILT Datasheet HTML 18Page - STMicroelectronics LMV321LILT Datasheet HTML 19Page - STMicroelectronics LMV321LILT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DocID023066 Rev 2
19/20
LMV321L, LMV358L, LMV324L
Ordering information
20
6
Ordering information
7
Revision history
Table 11. Order codes for devices without shutdown feature
Order code
Temperature range
Package
Packing
Marking
LMV321LICT
-40° C to +125 ° C
SC70-5
Tape and reel
K25
LMV321LILT
SOT23-5
K170
LMV358LIST
MiniSO8
K170
LMV358LIDT
SO8
LMV358L
LMV324LIPT
TSSOP14
LMV324L
LMV324LIDT
SO14
LMV324L
Table 12.
Document revision history
Date
Revision
Changes
04-May-2012
1
Initial release.
19-Dec-2013
2
New template



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com