Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TO-92
Description  N-Channel Depletion-Mode DMOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 4 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
LND150
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
V
GS(OFF) and RDS Variation with Temperature
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
10
0
10
20
30
40
5
-1
0
1
2
3
10
5
-50
0
50
100
150
1.1
1.8
1.6
1.4
1.2
1.0
0.8
10
5
0
-5
0
0.1
0.2
0.3
-50
0
50
100
150
0
V
DS = 400V
0.9
1.0
R
DS(ON) @ ID = 1.0mA
0
V
GS = -5.0V
2.0
1.6
1.2
0.8
0.4
8.7pF
60V
40V
100K
10
0.2
100
1K
10K
0.4
0.6
0.8
1.0
1.2
R
SOURCE (Ω)
I
D vs RSOURCE
1.4
0.0
LND1
I
D
↓
R
SOURCE
BV
DSS Variation with Temperature
T
j (
O
C)
T
A = -55°C
V
GS (V)
C
ISS
C
OSS
C
RSS
V
DS (V)
V
DS = 20V
Q
C (nanocoulombs)
25°C
125°C
25°C
125°C
T
j (
O
C)
V
GS(OFF) @ 100nA
V
GS = -10V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com