Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324LIDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LMV324LIDT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV324LIDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LMV324LIDT Datasheet HTML 2Page - STMicroelectronics LMV324LIDT Datasheet HTML 3Page - STMicroelectronics LMV324LIDT Datasheet HTML 4Page - STMicroelectronics LMV324LIDT Datasheet HTML 5Page - STMicroelectronics LMV324LIDT Datasheet HTML 6Page - STMicroelectronics LMV324LIDT Datasheet HTML 7Page - STMicroelectronics LMV324LIDT Datasheet HTML 8Page - STMicroelectronics LMV324LIDT Datasheet HTML 9Page - STMicroelectronics LMV324LIDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
LMV321L, LMV358L, LMV324L
6/20
DocID023066 Rev 2
Table 4. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
17
mV
-40 °C < T< 125 °C
9
ΔVio/ΔT Input offset voltage drift(1)
-40 °C < T< 125 °C
5
μV/°C
Iio
Input offset current
Vout = Vcc/2
0.5
30
nA
-40 °C < T< 125 °C
50
Iib
Input bias current
Vout = Vcc/2
27
60
-40 °C < T< 125 °C
110
CMRR
Common mode rejection ratio(2) Vic = 0 V to Vcc-1 V,Vout = Vcc/2
72
75
dB
SVRR
Supply voltage rejection ratio
Vcc = 2.7 to 5 V
72
79
Avd
Large signal voltage gain
RL= 2 kΩ,
Vout = 0.5 V to (VCC-0.5 V)
90
100
-40 °C < T< 125 °C
80
VOH
Output swing high level
RL = 10 kΩ
4.90
4.99
V
RL = 10 kΩ, -40 °C < T< 125 °C 4.80
RL = 2 kΩ
4.70
4.96
RL = 2 kΩ, -40 °C < T< 125 °C
4.60
VOL
Output swing low level
RL = 10 kΩ
65
180
mV
RL = 10 kΩ, -40 °C < T< 125 °C
280
RL = 2 kΩ
120
300
RL = 2 kΩ, -40 °C < T< 125 °C
400
Iout
Output short circuit current
Sinking, Vout = VCC
35
43
mA
Sourcing, Vout = 0 V
60
70
ICC
Supply current (per channel)
No load, Vout = VCC/2
130
250
µA
-40 °C < T< 125 °C
350
AC performance
GBP
Gain bandwidth product
RL > 1 MΩ, CL = 200 pF
1.3
MHz
Fu
Unity gain frequency
1
Φm
Phase margin
60
degrees
Gm
Gain margin
10
dB
SR
Slew rate
RL > 1 MΩ, CL = 200 pF
Vout = 0.5 V to VCC - 0.5V
0.7
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com