Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73633DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73633DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73633DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73633DBVR Datasheet HTML 9Page - Texas Instruments TPS73633DBVR Datasheet HTML 10Page - Texas Instruments TPS73633DBVR Datasheet HTML 11Page - Texas Instruments TPS73633DBVR Datasheet HTML 12Page - Texas Instruments TPS73633DBVR Datasheet HTML 13Page - Texas Instruments TPS73633DBVR Datasheet HTML 14Page - Texas Instruments TPS73633DBVR Datasheet HTML 15Page - Texas Instruments TPS73633DBVR Datasheet HTML 16Page - Texas Instruments TPS73633DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
V
N(mVRMS) + 8.5
mVRMS
V
V
OUT(V)
TPS736xx
www.ti.com
SBVS038T – SEPTEMBER 2003 – REVISED AUGUST 2010
An internal 27k
Ω resistor in series with the noise
ENABLE PIN AND SHUTDOWN
reduction pin (NR) forms a low-pass filter for the
The enable pin (EN) is active high and is compatible
voltage reference when an external noise reduction
with standard TTL-CMOS levels. A VEN below 0.5V
capacitor, CNR, is connected from NR to ground. For
(max) turns the regulator off and drops the GND pin
CNR = 10nF, the total noise in the 10Hz to 100kHz
current to approximately 10nA. When EN is used to
bandwidth is reduced by a factor of ~3.2, giving the
shutdown the regulator, all charge is removed from
approximate relationship:
the pass transistor gate, and the output ramps back
up to a regulated VOUT (see Figure 23).
(3)
When shutdown capability is not required, EN can be
connected to VIN. However, the pass gate may not be
for CNR = 10nF.
discharged using this configuration, and the pass
This noise reduction effect is shown as RMS Noise
transistor may be left on (enhanced) for a significant
Voltage vs CNR in the Typical Characteristics section.
time after VIN has been removed. This scenario can
result in reverse current flow (if the IN pin is low
The TPS73601 adjustable version does not have the
impedance) and faster ramp times upon power-up. In
NR pin available. However, connecting a feedback
addition, for VIN ramp times slower than a few
capacitor, CFB, from the output to the feedback pin
milliseconds,
the
output
may
overshoot
upon
(FB)
reduces
output
noise
and
improves
load
power-up.
transient performance.
Note that current limit foldback can prevent device
The TPS736xx uses an internal charge pump to
start-up under some conditions. See the Internal
develop an internal supply voltage sufficient to drive
Current Limit section for more information.
the gate of the NMOS pass element above VOUT. The
charge pump generates ~250mV of switching noise at
DROPOUT VOLTAGE
~4MHz; however, charge-pump noise contribution is
negligible at the output of the regulator for most
The TPS736xx uses an NMOS pass transistor to
values of IOUT and COUT.
achieve extremely low dropout. When (VIN – VOUT) is
less than the dropout voltage (VDO), the NMOS pass
BOARD LAYOUT RECOMMENDATION TO
device is in its linear region of operation and the
IMPROVE PSRR AND NOISE PERFORMANCE
input-to-output resistance is the RDS-ON of the NMOS
pass element.
To improve ac performance such as PSRR, output
noise, and transient response, it is recommended that
For large step changes in load current, the TPS736xx
the board be designed with separate ground planes
requires a larger voltage drop from VIN to VOUT to
for VIN and VOUT, with each ground plane connected
avoid degraded transient response. The boundary of
only at the GND pin of the device. In addition, the
this transient dropout region is approximately twice
ground connection for the bypass capacitor should
the dc dropout. Values of VIN – VOUT above this line
connect directly to the GND pin of the device.
ensure normal transient response.
Operating in the transient dropout region can cause
INTERNAL CURRENT LIMIT
an increase in recovery time. The time required to
recover from a load transient is a function of the
The TPS736xx internal current limit helps protect the
magnitude of the change in load current rate, the rate
regulator during fault conditions. Foldback current
of
change
in
load
current,
and
the
available
limit helps to protect the regulator from damage
headroom
(VIN to VOUT voltage drop). Under
during output short-circuit conditions by reducing
worst-case conditions [full-scale instantaneous load
current limit when VOUT drops below 0.5V. See
change with (VIN – VOUT) close to dc dropout levels],
Figure 12 in the Typical Characteristics section.
the TPS736xx can take a couple of hundred
Note from Figure 12 that approximately –0.2V of VOUT
microseconds to return to the specified regulation
results in a current limit of 0mA. Therefore, if OUT is
accuracy.
forced below –0.2V before EN goes high, the device
may not start up. In applications that work with both a
positive and negative voltage supply, the TPS736xx
should be enabled first.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com